Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERK610Z102KCF0 Datasheet(PDF) 9 Page - Kemet Corporation

Part No. ERK610Z102KCF0
Description  Radial Leaded Ceramic Disc Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

ERK610Z102KCF0 Datasheet(HTML) 9 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1083_ERK610 • 9/13/2016
9
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERK610 Series, Encapsulated, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Table 3 – Ammo Pack Taping Specifications
1
Prefromed (crimped) lead configurations include vertical kink, outside kink and inside kink. See "Lead Configurations" and "Ordering Information"
sections of this document for further details.
2
Also referred to as "lead length" in this document.
Lead Style
TAPING P
TAPING T
TAPING U
TAPING F
Item
Symbol
Dimensions(mm)
Pitch of component
P
12.7±1
25.4 ± 1
Pitch of sprocket hole
P0
12.7±0.3
12.7±0.3
Distance, hole to lead
P1
3.85±0.7
(0.5F) ±0.7
Distance, hole to center of component
P2
6.35±1.3
12.7±1.3
Lead spacing
F
5.0/7.5+0.8/−0.2
5/7.5/10/12.5±0.8
Average deviation across tape
∆h
±2.0 Maximum
±3.0 Maximum
Average deviation in direction of reeling
∆p
±1.3 Maximum
±1.3 Maximum
Carrier tape width
W
18.0+1/−0.5
18.0+1/−0.5
Hold-down tape width
W0
6
6
Position of sprocket hole
W1
9.0+0.75/−0.5
9.0+0.75/−0.5
Distance of hold-down tape
W2
3.0 Maximum
3.0 Maximum
Distance between the abscissa and the
bottom place of the component body
(straight leads)
H
16.5±0.5
18.0+2/−0
20±1
16.5±0.5
18.0+2/−0
20.0±1
Distance between the abscissa and the
bottom place of the component body
(kinked leads)
H0
16.0±0.5
16.0±0.5
Length of cut leads
L
11.0 Maximum
11.0 Maximum
Diameter of sprocket hole
D0
4.0±0.2
4.0±0.2
Total tape thickness
t
0.9 Maximum
0.9 Maximum


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn