Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERK610Z102KCF0 Datasheet(PDF) 7 Page - Kemet Corporation

Part No. ERK610Z102KCF0
Description  Radial Leaded Ceramic Disc Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

ERK610Z102KCF0 Datasheet(HTML) 7 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1083_ERK610 • 9/13/2016
7
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERK610 Series, Encapsulated, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Soldering and Mounting Information
Soldering Specifications
Solderability
Resistance to Soldering
Heat
Soldering Temperature
235°C ± 5°C
260°C ± 5°C
Solder Duration
2 seconds ± 0.5 seconds
10 seconds ± 1.0 seconds
Distance from
component body
≥ 2 mm
≥ 5 mm
CSA (cUL recognition)
C 22.2 No. 1-M90 (Ur=250 VAC)
216038
Soldering test for capacitors with wire leads: (according to IEC 60068-2-20, solder bath method)
Sodering Recommendations
When soldering this product to a PCB/PWB, do not exceed the solder heat resistance specification of the capacitor.
Subjecting this product to excessive heating could reflow the solder joint between the lead and ceramic element and/or may
result in thermal shocks that can crack the ceramic element.
Cleaning Recommendations
The components should be cleaned immediately following the soldering operation with vapor degreasers.
Marking
IEC 60384-14 Marking
Approval
Markings
Rated Capacitance
(3 Characters)
Capacitance
Tolerance Code
(1 Character)
Series Name
Front
Back
Capacitor Class
and Rated Voltage
EVOX RIFA
Trademark1
Capacitance
Tolerance Code
(1 Character)
Series Name
Rated Capacitance
(3 Characters)
Capacitor
Class and
Rated Voltage
EVOX RIFA
Trademark1
1
EVOX RIFA and all associated products were acuired by KEMET in 2007. The EVOX RIFA trademark is still used on the capacitor marking.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn