Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C420C105J1R5TA9170 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C420C105J1R5TA9170
Description  Axial Leaded Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C420C105J1R5TA9170 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C420C105J1R5TA9170 Datasheet HTML 4Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 5Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 6Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 7Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 8Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 9Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 10Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 11Page - Kemet Corporation C420C105J1R5TA9170 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1044_AXIMAX_X7R_AUTO • 11/11/2016 11
Axial Leaded Multilayer Ceramic Capacitors
Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Automotive Grade)
Symbol Reference Table
A
Component Pitch
B
Inside Tape Spacing
Tape & Reel Packaging Information
KEMET offers standard reeling of molded and conformally
coated axial leaded ceramic capacitors for automatic insertion
or lead forming machines in accordance with EIA standard
296.KEMET’sinternalspecificationfour-digitsuffix,7200,is
placedattheendofthepartnumbertodesignatetapeandreel
packaging, e.g., C410C104Z5U5CA7200.
Paper(50lb.)testminimumisinsertedbetweenthelayers
ofcapacitorswoundonreelsforcomponentpitch≤0.400".
Capacitor lead length may extend only a maximum of .0625"
(1.59mm)beyondthetapes’edges.Capacitorsarecenteredin
arowbetweenthetwotapesandwilldeviateonly±0.031"(0.79
mm)fromtherowcenter.Aminimumof36"(91.5cm)leader
tapeisprovidedateachfinishedlengthoftapedcomponents.
Universal splicing clips are used to connect the tape.
Table 3 – Ceramic Axial Tape and Reel Dimensions
Metric will govern
Dimensions — Millimeters (Inches)
Axial Capacitor
Body Diameter
A
±0.5(0.020)
B
±1.5(0.059)*
0.0 to 5.0
(0.0to0.197)
5.0(0.197)
52.4(2.062)
* Inside tape spacing dimension (B) is determined by the body diameter of the capacitor.


Similar Part No. - C420C105J1R5TA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C420C105J1R5TA7200 KEMET-C420C105J1R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C420C105J1R5TA7293 KEMET-C420C105J1R5TA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C420C105J1R5TA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com