Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4CAYUD3220AA3K Datasheet(PDF) 5 Page - Kemet Corporation

Part # C4CAYUD3220AA3K
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4CAYUD3220AA3K Datasheet(HTML) 5 Page - Kemet Corporation

  C4CAYUD3220AA3K Datasheet HTML 1Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 2Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 3Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 4Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 5Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 6Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 7Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 8Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3042_C4C_AXIAL • 4/20/2016
5
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4C Series, Axial Round, 850 – 3,000 VDC/450 – 750 VAC
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects of
both our capacitors and the production of them.
In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the use of
some hazardous materials, like Lead (Pb), in electronic equipment. All products in this catalog are produced to help our customers'
obligations to guarantee their products to fulfill these legislative requirements. The only material of concern in our products has
been Lead (Pb), which has been removed from all designs to fulfill the requirement of containing less than 0.1% of Lead in any
homogeneous material.
KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed.
Some customer segments like Medical, Military and Automotive Electronics may still require the use of Lead in electrode coatings. To
clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible
capacitors.
Because of customer requirements there may appear additional markings like LF = Lead Free or LFW = Lead Free Wires on the label.
Materials & Environment
The selection of materials used by KEMET for the production of capacitors is the result of extensive experience and constant attention
to environmental protection. KEMET selects its suppliers according to ISO 9001 standards and carries out statistical analysis on the
materials purchased before acceptance. All materials are, to the company's present knowledge, non-toxic and free from Cadmium,
Mercury, Chrome and compounds, PCB (Polychlorine Triphenyl), Bromide and Chlorine Dioxins Bromurate Clorurate, CFC and HCFC
and Asbestos.
Green Products
All KEMET power film products are ROHS Compliant.
Insulation Resistance
When the capacitor temperature increases, the insulation resistance decreases. This is due to increased electron activity. Low
insulation resistance can also be the result of moisture trapped in the windings, caused by a prolonged exposure to excessive
humidity.
Dissipation Factor
Dissipation factor is a complex function involved with the inefficiency of the capacitor. The tgδ may change up and down with increased
temperature. For more information, please refer to Performance Characteristics.


Similar Part No. - C4CAYUD3220AA3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAPUB2470AA0J KEMET-C4CAPUB2470AA0J Datasheet
52Kb / 1P
   Film, Metallized Polypropylene, Power, C4C, 0.047 uF, 5%, 1,200 V, 500 V, 70C
C4CAWUB2220AA0J KEMET-C4CAWUB2220AA0J Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4C, 0.022 uF, 5%, 2,000 V, 630 V, 70C
More results

Similar Description - C4CAYUD3220AA3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GADUB4100AA4J KEMET-C4GADUB4100AA4J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com