Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4CAYUD3220AA3K Datasheet(PDF) 4 Page - Kemet Corporation

Part # C4CAYUD3220AA3K
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4CAYUD3220AA3K Datasheet(HTML) 4 Page - Kemet Corporation

  C4CAYUD3220AA3K Datasheet HTML 1Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 2Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 3Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 4Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 5Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 6Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 7Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 8Page - Kemet Corporation C4CAYUD3220AA3K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3042_C4C_AXIAL • 4/20/2016
4
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4C Series, Axial Round, 850 – 3,000 VDC/450 – 750 VAC
Table 1 – Ratings & Part Number Reference
Cap
Value
(µF)
VDC VAC Peak
VDC
Maximum
Dimensions (mm)
Ripple
Current
Peak
Current
ESR
(Max)
dV/dt
(V/µs)
Packaging
Quantity
Part Number
D
L
100 kHz
70°C (A)
(A)
100 kHz
(mΩ)
0.1
850
450
1200
10.5
33
5
45
16.6
450
300
C4C(1)M(2)B3100AA0(3)
0.15
850
450
1200
12.5
33
7
68
11.5
450
300
C4C(1)M(2)B3150AA0(3)
0.22
850
450
1200
15.5
33
9
99
8.1
450
200
C4C(1)M(2)C3220AA0(3)
0.33
850
450
1200
18.5
33
9
149
5.8
450
150
C4C(1)M(2)C3330AA0(3)
0.47
850
450
1200
21.5
33
9
212
4.6
450
100
C4C(1)M(2)C3470AA0(3)
0.68
850
450
1200
21
44
9
204
5.1
300
100
C4C(1)M(2)C3680AA1(3)
1
850
450
1200
25
44
12
300
3.8
300
50
C4C(1)M(2)D4100AA1(3)
1.5
850
450
1200
30.5
44
12
450
3.1
300
50
C4C(1)M(2)D4150AA1(3)
2
850
450
1200
28.5
58
12
400
3.8
200
30
C4C(1)M(2)D4200AA3(3)
2.2
850
450
1200
29.5
58
12
440
3.7
200
30
C4C(1)M(2)D4220AA3(3)
2.5
850
450
1200
31.5
58
12
500
3.5
200
30
C4C(1)M(2)D4250AA3(3)
0.047
1200
500
1600
10
33
4
33
27.1
700
400
C4C(1)P(2)B2470AA0(3)
0.068
1200
500
1600
12
33
5
48
19.1
700
300
C4C(1)P(2)B2680AA0(3)
0.1
1200
500
1600
14
33
7
70
13.4
700
250
C4C(1)P(2)B3100AA0(3)
0.15
1200
500
1600
17.5
33
9
105
9.2
700
150
C4C(1)P(2)C3150AA0(3)
0.22
1200
500
1600
20.5
33
9
154
6.8
700
100
C4C(1)P(2)C3220AA0(3)
0.33
1200
500
1600
20
44
9
149
7.2
450
100
C4C(1)P(2)C3330AA1(3)
0.47
1200
500
1600
23
44
9
212
5.6
450
70
C4C(1)P(2)C3470AA1(3)
0.68
1200
500
1600
27.5
44
12
306
4.2
450
50
C4C(1)P(2)D3680AA1(3)
1
1200
500
1600
33
44
12
450
3.5
450
50
C4C(1)P(2)D4100AA1(3)
1.2
1200
500
1600
29
58
12
330
4.5
275
30
C4C(1)P(2)D4120AA3(3)
1.5
1200
500
1600
32
58
12
413
4
275
30
C4C(1)P(2)D4150AA3(3)
0.022
2000
630
2400
10.5
33
3
25
48.2
1150
400
C4C(1)W(2)B2220AA0(3)
0.033
2000
630
2400
12.5
33
4
38
32.5
1150
300
C4C(1)W(2)B2330AA0(3)
0.047
2000
630
2400
15
33
6
54
23
1150
200
C4C(1)W(2)C2470AA0(3)
0.068
2000
630
2400
17.5
33
7
78
16.3
1150
150
C4C(1)W(2)C2680AA0(3)
0.1
2000
630
2400
20.5
33
9
115
11.6
1150
100
C4C(1)W(2)C3100AA0(3)
0.15
2000
630
2400
19.5
44
9
105
11.3
700
100
C4C(1)W(2)C3150AA1(3)
0.22
2000
630
2400
23.5
44
12
154
8
700
70
C4C(1)W(2)D3220AA1(3)
0.33
2000
630
2400
28.5
44
12
231
5.9
700
50
C4C(1)W(2)D3330AA1(3)
0.47
2000
630
2400
33.5
44
12
329
4.8
700
50
C4C(1)W(2)D3470AA1(3)
0.56
2000
630
2400
29
58
12
224
6.1
400
30
C4C(1)W(2)D3560AA3(3)
0.68
2000
630
2400
32
58
12
272
5.4
400
30
C4C(1)W(2)D3680AA3(3)
0.0068
3000
750
3500
10
33
2
14.5
132
2100
400
C4C(1)Y(2)B1680AA0(3)
0.01
3000
750
3500
12
33
3
21
90.3
2100
300
C4C(1)Y(2)B2100AA0(3)
0.015
3000
750
3500
14.5
33
4
32
60.5
2100
200
C4C(1)Y(2)C2150AA0(3)
0.022
3000
750
3500
17
33
5
46
41.6
2100
150
C4C(1)Y(2)C2220AA0(3)
0.033
3000
750
3500
20.5
33
6
69
28.3
2100
100
C4C(1)Y(2)C2330AA0(3)
0.047
3000
750
3500
19
44
7
59
25.7
1250
100
C4C(1)Y(2)C2470AA1(3)
0.068
3000
750
3500
22.5
44
9
85
18.3
1250
70
C4C(1)Y(2)C2680AA1(3)
0.1
3000
750
3500
27
44
12
125
12.8
1250
50
C4C(1)Y(2)D3100AA1(3)
0.15
3000
750
3500
32
44
12
188
9.2
1250
50
C4C(1)Y(2)D3150AA1(3)
0.22
3000
750
3500
31
58
12
165
9.5
750
30
C4C(1)Y(2)D3220AA3(3)
Capacitance
Value (µF)
VDC
VAC
Peak
VDC
D (mm)
L (mm)
Ripple
Current
Peak
Current
ESR
dV/dt
(V/µs)
Packaging
Quantity
Part Number
(1) A = No fire retardant; S = fire retardant (on request)
(2) U = Tape and resin protection; 0 = unprotected (on request)
(3) K = ±10%, J = ±5%


Similar Part No. - C4CAYUD3220AA3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAPUB2470AA0J KEMET-C4CAPUB2470AA0J Datasheet
52Kb / 1P
   Film, Metallized Polypropylene, Power, C4C, 0.047 uF, 5%, 1,200 V, 500 V, 70C
C4CAWUB2220AA0J KEMET-C4CAWUB2220AA0J Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4C, 0.022 uF, 5%, 2,000 V, 630 V, 70C
More results

Similar Description - C4CAYUD3220AA3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GADUB4100AA4J KEMET-C4GADUB4100AA4J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com