Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44BXGP4400ZA0J Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44BXGP4400ZA0J
Description  ALUMINIUM CASE CAPACITORS SNUBBER APPLICATION FASTON 2.8 TERMINALS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44BXGP4400ZA0J Datasheet(HTML) 1 Page - Kemet Corporation

  C44BXGP4400ZA0J Datasheet HTML 1Page - Kemet Corporation C44BXGP4400ZA0J Datasheet HTML 2Page - Kemet Corporation C44BXGP4400ZA0J Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
32
C44B
MKP Series
ALUMINIUM CASE CAPACITORS
SNUBBER APPLICATION
FASTON 2.8 TERMINALS
General technical data
VDE 0560 - IEC61071 - EN61071
Application class ( DIN 40040 )
GPD / LS
Temperature range ( Case )
-40 to + 85 °C
Max permissible ambient temperature
+70 °C
Capacitance tolerance code ( 15th digit )
J = ± 5% ; K = ± 10%
Peak non-repetitive max current
I
PKR x 1.5
Test voltage terminal to case U
TT
1.5 U
RMS for 60 seconds
Test voltage terminal to case U
TC
3kV
DC 50Hz for 60 seconds
Rated insulation voltage U
i
700 V – 50 HZ – Insulation group B ( VDE 0110 part 1 )
Dissipation factor ( tgδ )
5 x 10-4 at 1 kHz and 20 °C
Permissible relative humidity
Annual average ≤ 95% on 30 days / year, continuously 100%
on other days occasionally 100%. Dewing not admissible
IEC climatic category
40 / 85 / 21
Degree of protection
IP00
Capacitance deviation in the operating temperature
range of –40 to +85 °C
±1.5% max on capacitance value measured at +20 °C
Change of capacitance versus operating time
-3% after 30.000 hours at U
RMS or after 100.000 hours at Un
Case components
Aluminium case plus plastic insulating deck flame retardant
execution ( UL class 94 V1 ) .
Terminals
Tinned brass fastons or screws ( See figures on top )
Installation
Whatever Position
Life Expectancy
30.000 hours at U
RMS ; ≥ 100.000 hours at Un
Failure quota
300 / 109 components hour
TECHNICAL DATA


Similar Part No. - C44BXGP4400ZA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44BXFP3220ZC0J KEMET-C44BXFP3220ZC0J Datasheet
89Kb / 1P
   C44B, Film, Metallized Polypropylene, Power, 0.22 uF, 5%, 1000 VAC, 2400 VDC
C44BXFP3470ZA0J KEMET-C44BXFP3470ZA0J Datasheet
89Kb / 1P
   C44B, Film, Metallized Polypropylene, Power, 0.47 uF, 5%, 1000 VAC, 2400 VDC
C44BXFP4100ZB0J KEMET-C44BXFP4100ZB0J Datasheet
89Kb / 1P
   C44B, Film, Metallized Polypropylene, Power, 1 uF, 5%, 1000 VAC, 2400 VDC
More results

Similar Description - C44BXGP4400ZA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
logo
Cornell Dubilier Electr...
SNU102K104R-F CDE-SNU102K104R-F Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Kemet Corporation
C44E KEMET-C44E Datasheet
263Kb / 2P
   ALUMINIUM CASE CAPACITORS AC FILTER APPLICATIONS
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
   Snubber Capacitors
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
   Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
Revision 17-Nov-03
logo
Electronic Film Capacit...
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com