Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44PLGR6600ZASJ Datasheet(PDF) 4 Page - Kemet Corporation

Part # C44PLGR6600ZASJ
Description  Aluminum Can Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44PLGR6600ZASJ Datasheet(HTML) 4 Page - Kemet Corporation

  C44PLGR6600ZASJ Datasheet HTML 1Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 2Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 3Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 4Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 5Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 6Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 7Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 8Page - Kemet Corporation C44PLGR6600ZASJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3050_C44P_RADIAL • 7/16/2014
4
Power and AC Film Capacitors
Aluminum Can Power Film Capacitors – C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC, for PFC and AC Filter
Table 1 – Ratings & Part Number Reference
Cap
Value
(µF)
V
rms
Rated
Voltage
Surge
Voltage
Maximum
Dimensions
(mm)
Ripple
Current
ESR
ESL
Thermal Res
dV/dt
(V/µs)
Part Number
VAC
VDC
VDC
D
H
10 kHz
40°C (A)1
10 kHz
(mΩ)
(nH)
(°C/W)
100
330
700
1050
65
117
25
3.0
115
8.5
12.5
C44PLGR6100AASJ
200
330
700
1050
65
147
43
2.8
140
5.4
12.5
C44PLGR6200ZASJ
300
330
700
1050
65
247
50
2.3
150
3.6
12.5
C44PLGR6300ZASJ
300
330
700
1050
75
197
55
1.4
160
4.2
12.5
C44PLGR6300AASJ
400
330
700
1050
65
247
55
2.0
160
3.1
12.5
C44PLGR6400ZASJ
500
330
700
1050
75
247
58
1.8
170
2.9
12.5
C44PLGR6500ZASJ
500
330
700
1050
85
197
63
1.2
160
3.4
12.5
C44PLGR6500ZBSJ
600
330
700
1050
85
247
65
1.6
180
2.9
12.5
C44PLGR6600AASJ
600
330
700
1050
85
280
75
1.1
210
2.4
12.5
C44PLGR6600ZASJ
100
440
1000
1500
75
147
30
3.5
145
5.6
20
C44PKGR6100AASJ
100
440
1000
1500
65
197
50
2.3
135
4.4
20
C44PKGR6100ZASJ
120
440
1000
1500
65
197
50
1.8
165
4.2
20
C44PKGR6120AASJ
133
440
1000
1500
65
247
40
3.0
155
3.7
20
C44PKGR6133AASJ
133
440
1000
1500
75
197
50
1.6
170
4.0
20
C44PKGR6133ZASJ
150
440
1000
1500
65
247
45
2.8
160
3.5
20
C44PKGR6150AASJ
200
440
1000
1500
75
247
55
2.4
175
3.2
20
C44PKGR6200AASJ
250
440
1000
1500
85
247
60
2.0
175
3.4
20
C44PKGR6250AASJ
300
440
1000
1500
85
247
60
1.9
180
2.7
20
C44PKGR6300AASJ
400
440
1000
1500
95
247
65
1.7
200
2.5
20
C44PKGR6400AASK
22
550
1280
1900
65
117
40
2.1
125
13.3
30
C20AKGR5220AASK
33
550
1280
1900
75
117
45
1.6
130
10.6
30
C20AKGR5330AASK
47
550
1280
1900
65
197
50
1.4
135
7.8
30
C20AKGR5470AASK
68
550
1280
1900
65
247
55
1.7
145
6.2
30
C20AKGR5680AASK
100
550
1280
1900
75
247
60
1.4
160
5.2
30
C20AKGR6100AASK
120
550
1280
1900
85
247
60
1.3
165
4.6
30
C20AKGR6120AASK
150
550
1280
1900
95
247
60
1.2
180
4.4
30
C20AKGR6150AASK
15
640
1400
2100
65
117
35
2.5
120
14.1
30
C20ALGR5150AASK
22
640
1400
2100
65
147
35
3.0
125
10.9
30
C20ALGR5220AASK
33
640
1400
2100
75
147
40
2.2
135
9.1
30
C20ALGR5330AASK
47
640
1400
2100
65
247
55
1.9
145
6.3
30
C20ALGR5470AASK
68
640
1400
2100
75
247
60
1.6
160
5.3
30
C20ALGR5680AASK
100
640
1400
2100
95
247
60
1.3
170
4.4
30
C20ALGR6100AASK
120
640
1400
2100
95
247
60
1.3
175
4.1
30
C20ALGR6120AASK
150
640
1400
2100
116
247
60
1.2
180
3.8
30
C20ALGR6150AASK
10
780
1700
2500
65
117
30
3.0
130
14.1
70
C20AQGR5100AASK
15
780
1700
2500
75
147
35
3.6
135
10.1
70
C20AQGR5150AASK
22
780
1700
2500
75
147
40
2.7
140
8.9
70
C20AQGR5220AASK
33
780
1700
2500
85
147
50
2.0
150
7.6
70
C20AQGR5330AASK
47
780
1700
2500
75
247
55
1.8
160
5.2
70
C20AQGR5470AASK
68
780
1700
2500
85
247
60
1.5
170
4.5
70
C20AQGR5680AASK
100
780
1700
2500
95
247
60
1.3
180
4.0
70
C20AQGR6100AASK
15
1000
2300
3300
75
147
33
2.5
150
9.2
85
C20AZGR5150AASK
20
1000
2300
3300
75
140
40
2.1
150
8.3
85
C20AZGR5200ZBSK
22
1000
2300
3300
75
147
35
2.0
155
8.0
85
C20AZGR5220AASK
33
1000
2300
3300
75
247
40
1.7
165
5.3
85
C20AZGR5330AASK
47
1000
2300
3300
85
247
45
1.4
170
4.7
85
C20AZGR5470AASK
68
1000
2300
3300
95
247
55
1.2
180
4.1
85
C20AZGR5680AASK
Cap
Value
VAC
Rated
Surge
D
H
Ripple
Current
ESR
ESL
Thermal Res
dV/dt
(V/µs)
Part Number
1
Maximum admissible RMS current T
HS ≤ 75°C.


Similar Part No. - C44PLGR6600ZASJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44PLGR6600ZASJ KEMET-C44PLGR6600ZASJ Datasheet
104Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44P, 600 uF, 5%, 700 V, 330 V
C44PLGR6600ZASJ KEMET-C44PLGR6600ZASJ_17 Datasheet
104Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44P, 600 uF, 5%, 700 V, 330 V
More results

Similar Description - C44PLGR6600ZASJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-UQ2G221HA PANASONIC-EET-UQ2G221HA Datasheet
242Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2W101CA PANASONIC-EET-ED2W101CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECE-P2GA222HA PANASONIC-ECE-P2GA222HA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW_14 Datasheet
102Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com