Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44PLGR6400ZASJ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44PLGR6400ZASJ
Description  Aluminum Can Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44PLGR6400ZASJ Datasheet(HTML) 1 Page - Kemet Corporation

  C44PLGR6400ZASJ Datasheet HTML 1Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 2Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 3Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 4Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 5Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 6Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 7Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 8Page - Kemet Corporation C44PLGR6400ZASJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3050_C44P_RADIAL • 7/16/2014
1
One world. One KEMET
Benefits
• Overpressure safety device
• High peak current capability
• High torque screw terminals with plastic insulator
• Long lifetime
• Self-healing
Overview
The C44P/C20A Series are a polypropylene metallized film with
cylindrical aluminium can type filled with oil, screw terminals,
plastic insulator and overpressure safety device.
Applications
Typical applications include commutation, power factor correction
and AC harmonic filtering.
Aluminum Can Power Film Capacitors
C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC,
for PFC and AC Filter
Part Number System
C
44
P
F
G
R
6
1
0
0
A
A S
J
Series
Application Rated Voltage (VAC) Case
Type
Terminal
Style
Capacitance Code (pF) Internal Code Internal
Codes Tolerance
MKP
Capacitors
for Power
Applications
44 = 250/440 V
ac
20 = 550/1,000 V
ac
AC Filter
P = C44
A = C20
For C44P:
F = 250
L = 330
K = 440
For C20A:
K = 550
L = 640
Q = 780
Z = 1000
G =
M12
bolt
R = Male
M10
Digits 9, 10, & 11
indicate the first 3 digits
of capacitance value.
Digit 8 indicates the
number of zeros that
must be added to obtain
rated capacitance in pF.
A = Standard
Z = Special
J = 5%
K = 10%
It is not possible to manufacture every part number which could be created from coding description. Please refer to table of standard part numbers and ask KEMET
for other possibilities.


Similar Part No. - C44PLGR6400ZASJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
More results

Similar Description - C44PLGR6400ZASJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-UQ2G221HA PANASONIC-EET-UQ2G221HA Datasheet
242Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2W101CA PANASONIC-EET-ED2W101CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECE-P2GA222HA PANASONIC-ECE-P2GA222HA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW_14 Datasheet
102Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com