Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C4DCNAQ4200AA0J Datasheet(PDF) 2 Page - Kemet Corporation

Part No. C4DCNAQ4200AA0J
Description  LOW INDUCTANCE CAPACITORS GTO APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4DCNAQ4200AA0J Datasheet(HTML) 2 Page - Kemet Corporation

  C4DCNAQ4200AA0J Datasheet HTML 1Page - Kemet Corporation C4DCNAQ4200AA0J Datasheet HTML 2Page - Kemet Corporation C4DCNAQ4200AA0J Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
24
C4D
MKP Series
LOW INDUCTANCE CAPACITORS
GTO PROTECTION
Rated D.C. Voltage
V
DC
Test voltage between terminals U
TT
V
DC
850
1700
1000
2000
1400
2800
3000
4500
n
850
1000
1400
3000
max
1200
1400
2000
4000
s
1300
1500
2150
4200
PEAK VOLTAGE TABLE
C
Un
U
RMS
dV/dt
I
PKR
ESR
IRMS
K
Dimensions
Code
Max @ 100kHz
100kHz@70°C
(mm)
µF
Vdc
Vac
V/µs
A
mΩ
A
°W/C
D
L
C4DCMAQ4150AA0J
1.5
850
500
450
675
1.7
40
5.4
60
51
C4DCMAQ4200AA0J
2
850
500
450
900
1.5
43
5.5
60
51
C4DCMAQ4300AA0J
3
850
500
450
1350
1.2
53
4.5
72
51
C4DCMAQ4350AA0J
3.5
850
500
450
1575
1.1
55
4.4
72
51
C4DCMAQ4400AA0J
4
850
500
450
1800
1.1
59
3.8
80
51
C4DCMAQ4500AA0J
5
850
500
450
2250
1.1
62
3.7
80
51
C4DCMAQ4600AA0J
6
850
500
450
2700
1.0
69
3.1
90
51
C4DCNAQ4100AA0J
1
1000
600
525
525
2.1
36
5.5
60
51
C4DCNAQ4200AA0J
2
1000
600
525
1050
1.4
50
4.4
72
51
C4DCNAQ4250AA0J
2.5
1000
600
525
1312
1.3
56
3.6
80
51
C4DCNAQ4300AA0J
3
1000
600
525
1575
1.2
58
3.7
80
51
C4DCNAQ4350AA0J
3.5
1000
600
525
1837
1.1
65
3.1
90
51
C4DCNAQ4400AA0J
4
1000
600
525
2100
1.1
66
3.1
90
51
C4DCRAQ3500AA0J
0.5
1400
700
630
315
3.3
29
5.4
60
51
C4DCRAQ3800AA0J
0.8
1400
700
630
315
2.8
33
5.3
60
51
C4DCRAQ4100AA0J
1
1400
700
630
630
2.0
38
5.2
60
51
C4DCRAQ4100ZA0J
1
1400
700
1000 1000
0.6
70
1.9
90
51
C4DCRAQ4150AA0J
1.5
1400
700
380
570
2.2
38
4.7
60
64
C4DCRAQ4200AA0J
2
1400
700
380
760
1.8
46
3.9
72
64
C4DCRAQ4250AA0J
2.5
1400
700
380
950
1.6
50
3.8
72
64
C4DCRAQ4300AA0J
3
1400
700
380
1140
1.5
56
3.2
80
64
C4DCRAQ4400AA0J
4
1400
700
380
1520
1.3
64
2.8
90
64
GENERAL CHARACTERISTICS
L
2
2
10


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn