Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C4DCNAQ4200AA0J Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C4DCNAQ4200AA0J
Description  LOW INDUCTANCE CAPACITORS GTO APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4DCNAQ4200AA0J Datasheet(HTML) 1 Page - Kemet Corporation

  C4DCNAQ4200AA0J Datasheet HTML 1Page - Kemet Corporation C4DCNAQ4200AA0J Datasheet HTML 2Page - Kemet Corporation C4DCNAQ4200AA0J Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
23
C4D
MKP Series
LOW INDUCTANCE CAPACITORS
GTO APPLICATIONS
The capacitors of C4D Series are designed with reinforced
metallized polypropylene dielectric film.
These capacitors are suitable to withstand the heavy current
pulses usually met in GTO protection.
The axial connections allow to reduce series inductance
and provide strong mechanical mounting reliable electrical
contact and good thermal dissipation of heat produced during
service.
Applications:
- Protection of GTO
- High ripple current D.C. filtering
- Medium frequency tuning
- Pulsed lasers
Presentation:
- Cylindrical plastic case
- Mechanical fixing by means of brass connections,
- Hole M8 threaded ( M6 on request )
General technical data
VDE 0560 - IEC61071 - EN61071
IEC climatic category
40 / 85 / 56
Temperature range ( Case )
-40 to + 85 °C
Max permissible ambient temperature
+70 °C
Capacitance tolerance code
J = ± 5% ; K = ± 10%
Capacitance deviation in the operating temperature
range of –40 to +85 °C
±1.5% max on capacitance value measured at +20 °C
Test voltage terminal to case U
TC
5kV
DC 50Hz for 60 seconds
Dissipation factor (tgδ)
3 x 10-4 at 1 kHz and 20°C
Permissible relative humidity
Annual average ≤ 95% on 30 days/year, continuously 100% on
other days occasionally 100%. Dewing not admissible
Case components
Solvent resistant plastic case with resin sealing.
Terminals
Tinned brass (See figure on top)
Tightening torque
10Nm max for M8 thread and 6Nm max for M6 thread
Installation
Whatever Position
Life Expectancy
100.000 hours
Failure quota
300 / 109 components hour
TECHNICAL DATA
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn