Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4D Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4D
Description  LOW INDUCTANCE CAPACITORS GTO APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4D Datasheet(HTML) 1 Page - Kemet Corporation

  C4D Datasheet HTML 1Page - Kemet Corporation C4D Datasheet HTML 2Page - Kemet Corporation C4D Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
23
C4D
MKP Series
LOW INDUCTANCE CAPACITORS
GTO APPLICATIONS
The capacitors of C4D Series are designed with reinforced
metallized polypropylene dielectric film.
These capacitors are suitable to withstand the heavy current
pulses usually met in GTO protection.
The axial connections allow to reduce series inductance
and provide strong mechanical mounting reliable electrical
contact and good thermal dissipation of heat produced during
service.
Applications:
- Protection of GTO
- High ripple current D.C. filtering
- Medium frequency tuning
- Pulsed lasers
Presentation:
- Cylindrical plastic case
- Mechanical fixing by means of brass connections,
- Hole M8 threaded ( M6 on request )
General technical data
VDE 0560 - IEC61071 - EN61071
IEC climatic category
40 / 85 / 56
Temperature range ( Case )
-40 to + 85 °C
Max permissible ambient temperature
+70 °C
Capacitance tolerance code
J = ± 5% ; K = ± 10%
Capacitance deviation in the operating temperature
range of –40 to +85 °C
±1.5% max on capacitance value measured at +20 °C
Test voltage terminal to case U
TC
5kV
DC 50Hz for 60 seconds
Dissipation factor (tgδ)
3 x 10-4 at 1 kHz and 20°C
Permissible relative humidity
Annual average ≤ 95% on 30 days/year, continuously 100% on
other days occasionally 100%. Dewing not admissible
Case components
Solvent resistant plastic case with resin sealing.
Terminals
Tinned brass (See figure on top)
Tightening torque
10Nm max for M8 thread and 6Nm max for M6 thread
Installation
Whatever Position
Life Expectancy
100.000 hours
Failure quota
300 / 109 components hour
TECHNICAL DATA
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C4D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0112N-A ETC2-C4D0112N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112N-A ETC2-C4D0112N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0206N-A ETC2-C4D0206N-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
More results

Similar Description - C4D

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4DE KEMET-C4DE Datasheet
263Kb / 1P
   LOW INDUCTANCE CAPACITORS DC-LINK APPLICATIONS
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com