Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1185 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1185
Description  Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1185 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1185 Datasheet HTML 2Page - Maxim Integrated Products MAX1185 Datasheet HTML 3Page - Maxim Integrated Products MAX1185 Datasheet HTML 4Page - Maxim Integrated Products MAX1185 Datasheet HTML 5Page - Maxim Integrated Products MAX1185 Datasheet HTML 6Page - Maxim Integrated Products MAX1185 Datasheet HTML 7Page - Maxim Integrated Products MAX1185 Datasheet HTML 8Page - Maxim Integrated Products MAX1185 Datasheet HTML 9Page - Maxim Integrated Products MAX1185 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Dual 10-Bit, 20Msps, +3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +3V, OVDD = +2.5V, VREFIN = +2.048V, differential input at -0.5dB FS, fCLK = 20.00057MHz, CL
≈ 10pF, TA = +25°C,
unless otherwise noted.)
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
234
1
567
9
810
FFT PLOT CHA (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
CHA
fCLK = 20.0005678MHz
fINA = 5.9742906MHz
fINB = 7.5343935MHz
AINA = -0.525dB FS
HD3
HD2
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
234
1
567
9
810
FFT PLOT CHB (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
CHB
fCLK = 20.0005678MHz
fINA = 5.9742906MHz
fINB = 7.5243935MHz
AINA = -0.462dB FS
HD3
HD2
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
234
1
567
9
810
FFT PLOT CHA (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
CHA
fCLK = 20.0005678MHz
fINA = 7.5343935MHz
fINB = 11.9852035MHz
AINA = -0.489dB FS
HD3
HD2
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
234
1
567
9
810
FFT PLOT CHB (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
CHB
fCLK = 20.0005678MHz
fINA = 7.5343935MHz
fINB = 11.9852035MHz
AINA = -0.471dB FS
HD3
HD2
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
234
1
567
9
810
TWO-TONE IMD PLOT (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
IMD2
IMD3
IMD3
fCLK = 20.0005678MHz
fIN1 = 11.9852035MHz
fIN2 = 12.8934324MHz
AIN = -6.5dB FS
TWO-TONE ENVELOPE =
-0.498dB FS
fIN2
fIN1
57
56
55
59
58
60
61
1
10
100
SIGNAL-TO-NOISE RATIO vs.
ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
CHB
CHA
62
60
58
54
56
1
10
100
SIGNAL-TO-NOISE PLUS DISTORTION vs.
ANALOG INPUT FREQUECNY
ANALOG INPUT FREQUENCY (MHz)
CHB
CHA
-74
-77
-80
-71
-68
-65
TOTAL HARMONIC DISTORTION vs.
ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
1
10
100
CHA
CHB
60
64
72
68
76
80
SPURIOUS-FREE DYNAMIC RANGE vs.
ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
1
10
100
CHA
CHB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn