Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1185 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part No. MAX1185
Description  Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1185 Datasheet(HTML) 15 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Dual 10-Bit, 20Msps, +3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
______________________________________________________________________________________
15
Figure 5. Typical Application for Single-Ended to Differential Conversion
INPUT
300
-5V
+5V
0.1
µF
0.1
µF
0.1
µF
-5V
600
300
300
INA+
INA-
LOWPASS FILTER
COM
600
+5V
-5V
0.1
µF
600
300
600
300
0.1
µF
0.1
µF
0.1
µF
+5V
0.1
µF
300
MAX4108
MAX1185
INB+
INB-
MAX4108
MAX4108
LOWPASS FILTER
INPUT
300
-5V
+5V
0.1
µF
0.1
µF
0.1
µF
CIN
22pF
-5V
600
300
300
LOWPASS FILTER
600
+5V
-5V
0.1
µF
600
300
600
300
0.1
µF
0.1
µF
0.1
µF
+5V
0.1
µF
300
MAX4108
MAX4108
MAX4108
300
LOWPASS FILTER
RIS0
50
CIN
22pF
RIS0
50
CIN
22pF
RIS0
50
CIN
22pF
RIS0
50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn