Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1185 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX1185
Description  Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1185 Datasheet(HTML) 11 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Dual 10-Bit, 20Msps, +3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
______________________________________________________________________________________
11
T/H
VOUT
x2
Σ
FLASH
ADC
DAC
1.5 BITS
10
VINA
VIN
STAGE 1
STAGE 2
DIGITAL CORRECTION LOGIC
STAGE 8
STAGE 9
2-BIT FLASH
ADC
T/H
T/H
VOUT
x2
Σ
FLASH
ADC
DAC
1.5 BITS
10
VINB
VIN
STAGE 1
STAGE 2
DIGITAL CORRECTION LOGIC
STAGE 8
STAGE 9
2-BIT FLASH
ADC
T/H
OUTPUT
MULTIPLEXER
10
D0A/B – D9A/B
Figure 1. Pipelined Architecture—Stage Blocks
S3b
S3a
COM
S5b
S5a
INB+
INB-
S1
OUT
OUT
C2a
C2b
S4c
S4a
S4b
C1b
C1a
INTERNAL BIAS
INTERNAL BIAS
COM
HOLD
HOLD
CLK
INTERNAL
NONOVERLAPPING
CLOCK SIGNALS
TRACK
TRACK
S2a
S2b
S3b
S3a
COM
S5b
S5a
INA+
INA-
S1
OUT
OUT
C2a
C2b
S4c
S4a
S4b
C1b
C1a
INTERNAL BIAS
INTERNAL BIAS
COM
S2a
S2b
MAX1185
Figure 2. MAX1185 T/H Amplifiers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn