Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1183 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX1183
Description  Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1183 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1183 Datasheet HTML 10Page - Maxim Integrated Products MAX1183 Datasheet HTML 11Page - Maxim Integrated Products MAX1183 Datasheet HTML 12Page - Maxim Integrated Products MAX1183 Datasheet HTML 13Page - Maxim Integrated Products MAX1183 Datasheet HTML 14Page - Maxim Integrated Products MAX1183 Datasheet HTML 15Page - Maxim Integrated Products MAX1183 Datasheet HTML 16Page - Maxim Integrated Products MAX1183 Datasheet HTML 17Page - Maxim Integrated Products MAX1183 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
nents minus the fundamental, the first five harmonics,
and the DC offset.
Signal-to-Noise Plus Distortion (SINAD)
SINAD is computed by taking the ratio of the RMS sig-
nal to all spectral components minus the fundamental
and the DC offset.
Effective Number of Bits (ENOB)
ENOB specifies the dynamic performance of an ADC at
a specific input frequency and sampling rate. An ideal
ADC’s error consists of quantization noise only. ENOB
is computed from:
Total Harmonic Distortion (THD)
THD is typically the ratio of the RMS sum of the first four
harmonics of the input signal to the fundamental itself.
This is expressed as:
where V1 is the fundamental amplitude, and V2 through
V5 are the amplitudes of the 2nd- through 5th-order
harmonics.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio expressed in decibels of the RMS
amplitude of the fundamental (maximum signal compo-
nent) to the RMS value of the next-largest spurious
component, excluding DC offset.
Intermodulation Distortion (IMD)
The two-tone IMD is the ratio expressed in decibels of
either input tone to the worst 3rd-order (or higher) inter-
modulation products. The individual input tone levels
are at -6.5dB full scale and their envelope is at -0.5dB
full scale.
Chip Information
TRANSISTOR COUNT: 10,811
PROCESS: CMOS
THD
VVV
V
V
++
+


20
10
2
2
3
2
4
2
5
2
1
log
ENOB
SINADdB
dB
dB
=
()
176
602
.
.
Dual 10-Bit, 40Msps, +3V, Low-Power ADC with
Internal Reference and Parallel Outputs
______________________________________________________________________________________
17
GND
REFERENCE
OUTPUT
DRIVERS
CONTROL
T/H
T/H
PIPELINE
ADC
DEC
OUTPUT
DRIVERS
REFOUT
REFN COM REFP
REFIN
INA+
INA-
CLK
INB+
INB-
VDD
DEC
PIPELINE
ADC
OGND
OVDD
D9A–D0A
OE
D9B–D0B
T/B
PD
SLEEP
MAX1183
10
10
10
10
Functional Diagram


Similar Part No. - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
More results

Similar Description - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz