Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1183 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX1183
Description  Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1183 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1183 Datasheet HTML 8Page - Maxim Integrated Products MAX1183 Datasheet HTML 9Page - Maxim Integrated Products MAX1183 Datasheet HTML 10Page - Maxim Integrated Products MAX1183 Datasheet HTML 11Page - Maxim Integrated Products MAX1183 Datasheet HTML 12Page - Maxim Integrated Products MAX1183 Datasheet HTML 13Page - Maxim Integrated Products MAX1183 Datasheet HTML 14Page - Maxim Integrated Products MAX1183 Datasheet HTML 15Page - Maxim Integrated Products MAX1183 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SNRdB = 20 log10 (1 / [2
π fIN tAJ])
where fIN represents the analog input frequency and
tAJ is the time of the aperture jitter.
Clock jitter is especially critical for undersampling
applications. The clock input should always be consid-
ered as an analog input and routed away from any ana-
log input or other digital signal lines.
The MAX1183 clock input operates with a voltage thresh-
old set to VDD/2. Clock inputs with a duty cycle other
than 50% must meet the specifications for high and low
periods as stated in the Electrical Characteristics.
System Timing Requirements
Figure 3 depicts the relationship between the clock
input, analog input, and data output. The MAX1183
samples at the rising edge of the input clock. Output
data for channels A and B is valid on the next rising
edge of the input clock. The output data has an internal
latency of five clock cycles. Figure 4 also determines
the relationship between the input clock parameters
and the valid output data on channels A and B.
Digital Output Data, Output Data Format
Selection (T/B), Output Enable (OE)
All digital outputs, D0A–D9A (Channel A) and
D0B–D9B (Channel B) are TTL/CMOS-logic compati-
ble. There is a five-clock-cycle latency between any
particular sample and its corresponding output data.
The output coding can be chosen to be either straight
offset binary or two’s complement (Table 1) controlled
by a single pin (T/B). Pull T/B low to select offset binary
and high to activate two’s complement output coding.
The capacitive load on the digital outputs D0A–D9A
and D0B–D9B should be kept as low as possible
(<15pF) to avoid large digital currents that could feed
back into the analog portion of the MAX1183, thereby
degrading its dynamic performance. Using buffers on
the digital outputs of the ADCs can further isolate the
digital outputs from heavy capacitive loads. To further
improve the dynamic performance of the MAX1183
small series resistors (e.g., 100
Ω) may be added to the
digital output paths, close to the MAX1183.
Dual 10-Bit, 40Msps, +3V, Low-Power ADC with
Internal Reference and Parallel Outputs
12
______________________________________________________________________________________
N - 6
N
N - 5
N + 1
N - 4
N + 2
N - 3
N + 3
N - 2
N + 4
N - 1
N + 5
N
N + 6
N + 1
5-CLOCK-CYCLE LATENCY
ANALOG INPUT
CLOCK INPUT
DATA OUTPUT
D9A–D0A
tDO
tCH
tCL
N - 6
N - 5
N - 4
N - 3
N - 2
N - 1
N
N + 1
DATA OUTPUT
D9B–D0B
Figure 3. System Timing Diagram


Similar Part No. - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
More results

Similar Description - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz