Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAR5 Datasheet(PDF) 3 Page - TT Electronics.

Part # CAR5
Description  Superior moisture performance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CAR5 Datasheet(HTML) 3 Page - TT Electronics.

  CAR5 Datasheet HTML 1Page - TT Electronics. CAR5 Datasheet HTML 2Page - TT Electronics. CAR5 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ultra Precision
Metal Film Resistors
CAR series
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: CAR5V-31K6PI (CAR5 with TCR ±5ppm/°C at 31.6 kilohms ±0.02%, Pb-free)
C A R 5
V
-
3
1
K 6
P
I
1
2
3
4
5
USA (IRC) Part Number: CAR5LFV3162PA (CAR5 with TCR ±5ppm/°C at 31.6 kilohms ±0.02%, Pb-free)
C A R 5
L
F
V
3
1
6
2
P A
1
2
3
4
5
6
1
2
3
4
5
Type TCR (ppm/°C)
Value
Tolerance
Finish, Screening & Packing
CAR5
V = ±5
E24 = 3/4 characters
E96 = 4/5 characters
R = ohms
K = kilohms
M = megohms
L = ±0.01%
CAR6
T = ±10
P = ±0.02%
CAR7
Y = ±15
W = ±0.05%
D = ±25
B = ±0.1%
C = ±50
C = ±0.25%
D = ±0.5%
F = ±1%
1
2
3
4
5
6
Type Termination TCR (ppm/°C)
Value
Tolerance
Packing
CAR5 Omit for SnPb
V = ±5
3 digits + multiplier L = ±0.01%
CAR6 LF = Pb-free
T = ±10
R = ohms for
values <100 ohms
P = ±0.02%
CAR7
Y = ±15
W = ±0.05%
D = ±25
B = ±0.1%
C = ±50
C = ±0.25%
D = ±0.5%
F = ±1%
SC = Standard packing & Pb-free
with 5ppm/°C screened
PB = Standard packing & SnPb
CAR5, CAR6
CAR7
Bulk
250/box
Ammo
Up to 1000/box
I = Standard packing & Pb-free
A
B
CAR5, CAR6
CAR7
Bulk 250/box
Ammo up to 1000/box
Make Possible
12.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - CAR5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CAR5 WELWYN-CAR5 Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
TT Electronics.
CAR5 TTELEC-CAR5 Datasheet
395Kb / 3P
   Ultra Precision Metal Film Resistors
logo
IRC - a TT electronics ...
CAR5LF IRCTT-CAR5LF Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
CAR5LFD6K8BA IRCTT-CAR5LFD6K8BA Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
CAR5LFD6K8BB IRCTT-CAR5LFD6K8BB Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
More results

Similar Description - CAR5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SON TTELEC-SON Datasheet
572Kb / 4P
   Superior temperature performance
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
   Superior return loss performance
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com