Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3130-01WTG Datasheet(PDF) 2 Page - Littelfuse

Part # SP3130-01WTG
Description  TVS Diode Arrays (SPADiodes)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3130-01WTG Datasheet(HTML) 2 Page - Littelfuse

  SP3130-01WTG Datasheet HTML 1Page - Littelfuse SP3130-01WTG Datasheet HTML 2Page - Littelfuse SP3130-01WTG Datasheet HTML 3Page - Littelfuse SP3130-01WTG Datasheet HTML 4Page - Littelfuse SP3130-01WTG Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 08/04/16
TVS Diode Arrays (SPA® Diodes)
Low Capacitance ESD Protection - SP3130 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
2.0
A
T
OP
Operating Temperature
-40 to 125
°C
T
STOR
Storage Temperature
-55 to 150
°C
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-55 to 150
°C
Maximum Lead Temperature
(Soldering 20-40s)
260
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
28
V
Reverse Leakage Current
I
LEAK
V
R=28V with 1pin at GND
10
50
nA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
39
44
V
I
PP=2A, tp=8/20µs, Fwd
42
48
V
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact)
±10
kV
IEC61000-4-2 (Air)
±15
kV
Dynamic Resistance2
R
DYN
TLP, t
P=100ns, I/O to GND
1.0
Ω
Diode Capacitance1
C
I/O-I/O
Reverse Bias=0V, f=1 MHz
0.3
0.45
pF
Note: 1. Parameter is guaranteed by design and/or device characterization.
2 Transmission Line Pulse (TLP) with 100ns width, 2ns rise time, and average window t1=70ns to t2= 90ns
8/20μS Pulse Waveform
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.05.0
10.015.020.025.030.0
Time ( s)
Capacitance vs. Reverse Bias
0
0.1
0.2
0.3
0.4
0.5
04
81216202428
Bias Voltage (V)


Similar Part No. - SP3130-01WTG

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
SP3133F RAYTHEON-SP3133F Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
SP3134F RAYTHEON-SP3134F Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
SP3135F RAYTHEON-SP3135F Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
SP3136F RAYTHEON-SP3136F Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
More results

Similar Description - SP3130-01WTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
   TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
SP4337-01WTG LITTELFUSE-SP4337-01WTG Datasheet
514Kb / 5P
   TVS Diode Arrays (SPA ? Diodes) Low Capacitance ESD Protection - SP4337
Revision: 03/17/21
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
979Kb / 5P
   TVS Diode Arrays (SPA ? Diodes) Low Capacitance ESD Protection - SP4322
Revision: 04/14/20
SP3420-04UTG LITTELFUSE-SP3420-04UTG Datasheet
995Kb / 5P
   TVS Diode Arrays (SPA ? Diodes) Lightning Surge Protection - SP3420-04UTG
Revision: 07/16/19
SP3025-04HTG LITTELFUSE-SP3025-04HTG Datasheet
1Mb / 5P
   TVS Diode Arrays (SPA? ? DDiiooddeess)) Lightning Surge Protection- SP3384NUTG
Revision: 01/14/20
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
   TVS Diode Arrays (SPA짰 Diodes)
SP1333-01UTG LITTELFUSE-SP1333-01UTG Datasheet
685Kb / 5P
   TVS Diode Array (SPA ? Diodes) General Purpose ESD Protection - SP1333
Revised: 09/06/19
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
   TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
   TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
   TVS Diode Arrays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com