Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58LW064D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 1 Page - STMicroelectronics

  M58LW064D Datasheet HTML 1Page - STMicroelectronics M58LW064D Datasheet HTML 2Page - STMicroelectronics M58LW064D Datasheet HTML 3Page - STMicroelectronics M58LW064D Datasheet HTML 4Page - STMicroelectronics M58LW064D Datasheet HTML 5Page - STMicroelectronics M58LW064D Datasheet HTML 6Page - STMicroelectronics M58LW064D Datasheet HTML 7Page - STMicroelectronics M58LW064D Datasheet HTML 8Page - STMicroelectronics M58LW064D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1/50
September 2004
M58LW064D
64 Mbit (8Mb x8, 4Mb x16, Uniform Block)
3V Supply Flash Memory
FEATURES SUMMARY
WIDE x8 or x16 DATA BUS for HIGH
BANDWIDTH
SUPPLY VOLTAGE
–VDD = VDDQ = 2.7 to 3.6V for Program,
Erase and Read operations
ACCESS TIME
Random Read 110ns
Page Mode Read 110/25ns
PROGRAMMING TIME
16 Word Write Buffer
12µs Word effective programming time
64 UNIFORM 64 KWord/128KByte MEMORY
BLOCKS
ENHANCED SECURITY
Block Protection/ Unprotection
–VPEN signal for Program Erase Enable
128 bit Protection Register with 64 bit
Unique Code in OTP area
PROGRAM and ERASE SUSPEND
COMMON FLASH INTERFACE
100, 000 PROGRAM/ERASE CYCLES per
BLOCK
ELECTRONIC SIGNATURE
Manufacturer Code: 0020h
Device Code M58LW064D: 0017h
PACKAGES
Compliant with Lead-Free Soldering
Processes
Lead-Free Versions
Figure 1. Packages
TSOP56 (N)
14 x 20 mm
TBGA64 (ZA)
10 x 13 mm
TBGA


Similar Part No. - M58LW064D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1 STMICROELECTRONICS-M58LW064D110N1 Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1E STMICROELECTRONICS-M58LW064D110N1E Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1F STMICROELECTRONICS-M58LW064D110N1F Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1T STMICROELECTRONICS-M58LW064D110N1T Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
More results

Similar Description - M58LW064D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
   64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com