Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M51996AP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M51996AP
Description  SWITCHING REGULATOR CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51996AP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M51996AP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M51996AP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SWITCHING REGULATOR CONTROL
M51996AP/FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 22 )
14
Just after the start-up,the Icc current is supplied from
Cvcc,however,under the steady state condition ,IC will be
supplied from the third winding or bias winding of
transformer,the winding ratio of the third winding must be
designed so that the induced voltage may be higher than the
operation-stop voltage Vcc(STOP).
The Vcc voltage is recommended to be 12V to 17V as the
normal and optimum gate voltage is 10 to 15V and the output
voltage(VOH) of type M51996AP/FP is about(Vcc-2V).
It is not necessary that the induced voltage is settled higher
than the operation start-up voltage Vcc(START),and the high gate
drive voltage causes high gate dissipation,on the other hand,too
low gate drive voltage does not make the MOS-FET fully on-
state or the saturation state.
SUPPLY VOLTAGE Vcc(V)
0
10
20
30
40
0
Ta=85°C
Ta=25°C
Ta=-30°C
OVP RESET POINT
8.87V(-30°C)
8.94V(25°C)
9.23V(85°C)
1
2
3
4
5
6
7
8
Fig.16 CIRCUIT CURRENT VS. SUPPLY VOLTAGE
(OVP OPERATION)
M51996A
GND
Vcc
R1
VF
CVcc
THIRD WINDING OR
BIAS WINDING
MAIN TRANSFORMER
RECTIFIED DC
VOLTAGE FROM
SMOOTHING CAPACITOR
Fig.24 Start-up circuit diagram when it is not
necessary to set the start and stop input voltage
It is required that the output circuit have the high sink and
source abilities for MOS-FET drive.It is well known that the
"totempole circuit has high sink and source ability.However,it
has the demerit of high through current.
For example,the through current may reach such the high
current level of 1A,if type M51996A has the "conventional"
totempole circuit.For the high frequency application such as
higher than 100kHz,this through current is very important factor
and will cause not only the large Icc current and the inevitable
heat-up of IC but also the noise voltage.
This IC uses the improved totempole circuit,so without
deteriorating the characteristic of operating speed,its through
current is approximately 100mA.
Output section
Fig.17 shows one of the example circuit diagram of the start-up
circuit which is used when it is not necessary to set the start
and stop voltage.
It is recommended that the current more than 300µA flows
through R1 in order to overcome the operation start-up current
Icc(START) and Cvcc is in the range of 10 to 47µF.The product of
R1 by Cvcc causes the time delay of operation,so the response
time will be long if the product is too much large.
APPLICATION NOTE OF TYPE M51996AP/FP
Design of start-up circuit and the power supply
of IC
(1)The start-up circuit when it is not necessary to set the
start and stop input voltage
M51996A
GND
Vcc
R1
VF
CVcc
THIRD WINDING OF
TRANSFORMER
PRIMARY WINDING
OF TRANSFORMER
RECTIFIED DC
VOLTAGE FROM
SMOOTHING CAPACITOR
Fig.18 Start-up circuit diagram when it is not
necessary to set the start and stop input voltage
NP
NB
VIN
R2
It is recommend to use the third winding of "forward winding"
or "positive polarity" as shown in Fig.18,when the DC source
voltages at both the IC operation start and stop must be
settled at the specified values.
The input voltage(VIN(START)),at which the IC operation
starts,is decided by R1 and R2 utilizing the low start-up
(2)The start-up circuit when it is not necessary to set the
start and stop input voltage


Similar Part No. - M51996AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
   Switching Regulator Control
More results

Similar Description - M51996AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51995AP MITSUBISHI-M51995AP Datasheet
461Kb / 27P
   SWITCHING REGULATOR CONTROL
M51978P MITSUBISHI-M51978P Datasheet
1Mb / 24P
   SWITCHING REGULATOR CONTROL
M51997P MITSUBISHI-M51997P Datasheet
922Kb / 22P
   SWITCHING REGULATOR CONTROL?
logo
Renesas Technology Corp
M51996AP RENESAS-M51996AP Datasheet
398Kb / 36P
   Switching Regulator Control
M51995AFP-CF0J RENESAS-M51995AFP-CF0J Datasheet
457Kb / 43P
   Switching Regulator Control
M51998P RENESAS-M51998P Datasheet
1Mb / 5P
   SWITCHING REGULATOR CONTROL
logo
Mitsubishi Electric Sem...
M5T494 MITSUBISHI-M5T494 Datasheet
294Kb / 5P
   SWITCHING REGULATOR CONTROL
logo
Renesas Technology Corp
M51995 RENESAS-M51995 Datasheet
11Mb / 28P
   SWITCHING REGULATOR CONTROL
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com