Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-QFN-7000 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CG-QFN-7000
Description  Directly mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-QFN-7000 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CG-QFN-7000 Datasheet HTML 1Page - Ironwood Electronics. CG-QFN-7000 Datasheet HTML 2Page - Ironwood Electronics. CG-QFN-7000 Datasheet HTML 3Page - Ironwood Electronics. CG-QFN-7000 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 of 4
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
All dimensions are in mm unless stated otherwise
Status: Released
Drawing: Vinayak R
Rev: A
Date: 3/23/10
File: CG-QFN-7000 Dwg
CG-QFN-7000 Drawing
Modified:
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Scale: 4:1
Socket Body
Size
Non plated mounting hole
Non plated alignment hole
Orientation Mark
1.25mm±0.13mm (x4)
1.25mm±0.13mm (x4)
5.08mm
17.225mm±0.125mm (x4)
2.54mm
1.8625mm
2.8625mm
0.5mm typ.
Ø 0.85mm±0.025mm (x2)
Ø 1.61mm±0.05mm (x4)
Keep out Area (A)
Keep out Area (B)
Keep out Area (A): Max. component height 2.5mm
Keep out Area (B): Max. Component height 10mm
(No component area)
Ø 0.27mm pad (x291)
Same size as
shown on the package
14.725mm (x4)
11mm
11mm


Similar Part No. - CG-QFN-7000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-QFN-7001 IRONWOOD-CG-QFN-7001 Datasheet
92Kb / 3P
   Easily removable clamshell socket lid
CG-QFN-7002 IRONWOOD-CG-QFN-7002 Datasheet
118Kb / 3P
   Minimum real estate required
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-QFN-7000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com