Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-QFN-7001 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CG-QFN-7001
Description  Easily removable clamshell socket lid
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-QFN-7001 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CG-QFN-7001 Datasheet HTML 1Page - Ironwood Electronics. CG-QFN-7001 Datasheet HTML 2Page - Ironwood Electronics. CG-QFN-7001 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Customer's Target PCB
8
7
2
11
A
A
Customer's
QFN IC
3
4
5
6
1
10
9
25.48mm
32.23mm
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz MLF Socket - Direct mount, solderless
Features
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Top View
Side View
(Section AA)
Easily removable clamshell socket lid
PAGE 1 of 3
Clamshell Socket Lid: Black anodized Aluminum.
Socket base screw: Socket head cap, alloy steel with
black oxide finish, 0-80 fine thread , 6.35mm long.
Elastomer Guide: Non-clad FR4.
Thickness = 0.725mm.
Compression Plate: Black anodized Aluminum.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.75mm.
Double latch clamshell Socket base: Black anodized
Aluminum.
IC Guide: Torlon
Latch: Black anodized Aluminum
Compression Spring: 18-8 Stainless steel, 0.31"OD
Shoulder screw: Stainless Steel.
#2-56 threads, shoulder dia. = 4mm.
Nylon washer: 1.73mm ID; 4.78mm OD
0.64mm thickness.
1
2
3
4
5
6
7
8
9
10
11
Status: Released
Drawing: Vinayak R
Rev: B
Date: 3/1/10
File: CG-QFN-7001 Dwg
CG-QFN-7001 Drawing
Modified: 05/07/14, DH
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Scale: 2:1


Similar Part No. - CG-QFN-7001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7002 IRONWOOD-CG-QFN-7002 Datasheet
118Kb / 3P
   Minimum real estate required
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-QFN-7001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3009 IRONWOOD-GT-QFN-3009 Datasheet
306Kb / 4P
   Easily removable swivel socket lid
SG15-BGA-1000 IRONWOOD-SG15-BGA-1000 Datasheet
364Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2000 IRONWOOD-SG25-BGA-2000 Datasheet
367Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2002 IRONWOOD-SG25-BGA-2002 Datasheet
386Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2012 IRONWOOD-SG25-BGA-2012 Datasheet
496Kb / 4P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com