Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-1424THX Datasheet(PDF) 1 Page - PIC GmbH

Part # PMC-1424THX
Description  Latching SMD Reed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1424THX Datasheet(HTML) 1 Page - PIC GmbH

  PMC-1424THX Datasheet HTML 1Page - PIC GmbH PMC-1424THX Datasheet HTML 2Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW T
IC H I N G T HE S M A R T WAY
PMC-1424THX
Contact rating max.
5
Switching current max.
0.5
Operate time max. (incl. bounce)
0.4
Release time max.
0.1
Switching frequency max.
500
Resonant frequency typ.
5000
Vibration
20
Shock
20
Operating temperature
-20
Insulation resistance min.
10
PMC-1424THX
Carry current max.
Switching voltage max.
Breakdown voltage min.
Contact resistance max. (initial)
Latching SMD Reed Switch
Operating Characteristics
Environmental Characteristics
*PGM = Platinum Group Metal
Contact form
E
10
140
100
1
180
200
VDC
VAC
W / VA
A
A
VDC
m
Contact material
PGM*
125
to +
ms
ms
Hz
Hz
°C
g
g
@ 25 °C
Packing Unit
2000
Weight per piece
0.4
Weight per package
1200
g
g
pcs
Features
Dimensions in mm
Approvals
(50-2000 Hz)
(1/2 sin 11 ms)
Reel size
13 inches
Storage temperature
-20
125
Soldering temperature max.
255
Lead tensile strength min.
3
°C
°C
kg
to +
Electrical Characteristics
@ 25 °C
Ordering Information
North Pole mark = chamfered edge
Small size
Polarity sensitive
Zero power consumption
Suitable for lead-free soldering
Suitable for automated assembly
Tape & reel packaging
Over 1 billion reliable operations at
dry circuits or low level loads
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.3
pmc1424thx_ds_e_1.3
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 1 of 2


Similar Part No. - PMC-1424THX

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1424THX PIC-PMC-1424THX_14 Datasheet
259Kb / 2P
   Bistabiler SMD-Reedschalter
More results

Similar Description - PMC-1424THX

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-5002X PIC-PMC-5002X Datasheet
185Kb / 1P
   Latching Reed Switch
PMC-5025E PIC-PMC-5025E Datasheet
22Kb / 1P
   Latching Reed Switch
PMC-1401X PIC-PMC-1401X Datasheet
166Kb / 1P
   Latching Reed Switch
PMC-5025X PIC-PMC-5025X Datasheet
191Kb / 1P
   Latching Reed Switch
PMC-1401E PIC-PMC-1401E Datasheet
24Kb / 1P
   Latching Reed Switch
logo
Reed Relays and Electro...
R2E-S-1 RRE-R2E-S-1 Datasheet
99Kb / 2P
   Latching SMD Reed Sensor
R2E-F-1 RRE-R2E-F-1 Datasheet
89Kb / 1P
   Latching Low Profile SMD Reed Sensor
logo
PIC GmbH
PMC-1401Z PIC-PMC-1401Z Datasheet
159Kb / 2P
   Standard SMD Reed Switch
PMC-0701F PIC-PMC-0701F Datasheet
168Kb / 4P
   Micro SMD Reed Switch
PMC-1401FH PIC-PMC-1401FH Datasheet
146Kb / 2P
   Standard SMD Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com