Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC4DXV5T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMC4DXV5T1G
Description  Dual Common Base-Collector Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMC4DXV5T1G Datasheet(HTML) 3 Page - ON Semiconductor

  EMC4DXV5T1G Datasheet HTML 1Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 2Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 3Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 4Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 5Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 6Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 7Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 8Page - ON Semiconductor EMC4DXV5T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EMC2DXV5T1G, EMC3DXV5T1G, EMC4DXV5T1G, EMC5DXV5T1G
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Q1 TRANSISTOR: PNP
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
EMC2DXV5T1G
(VEB = 6.0 V, IC = 0)
EMC3DXV5T1G
EMC4DXV5T1G
EMC5DXV5T1G
IEBO
0.2
0.5
0.2
1.0
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
DC Current Gain
EMC2DXV5T1G
(VCE = 10 V, IC = 5.0 mA)
EMC3DXV5T1G
EMC4DXV5T1G
EMC5DXV5T1G
hFE
60
35
80
20
100
60
140
35
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
EMC2DXV5T1G
EMC3DXV5T1G, EMC4DXV5T1G
EMC5DXV5T1G
R1
15.4
7.0
3.3
22
10
4.7
28.6
13
6.1
k
W
Resistor Ratio
EMC2DXV5T1G
EMC3DXV5T1G
EMC4DXV5T1G
EMC5DXV5T1G
R1/R2
0.8
0.8
0.17
0.38
1.0
1.0
0.21
0.47
1.2
1.2
0.25
0.56
Q2 TRANSISTOR: NPN
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
EMC2DXV5T1G
(VEB = 6.0 V, IC = 0)
EMC3DXV5T1G
EMC4DXV5T1G, EMC5DXV5T1G
IEBO
0.2
0.5
0.1
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
DC Current Gain
EMC2DXV5T1G
(VCE = 10 V, IC = 5.0 mA)
EMC3DXV5T1G
EMC4DXV5T1G, EMC5DXV5T1G
hFE
60
35
80
100
60
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
EMC2DXV5T1G
EMC3DXV5T1G
EMC4DXV5T1G, EMC5DXV5T1G
R1
15.4
7.0
33
22
10
47
28.6
13
61
k
W
Resistor Ratio
EMC2DXV5T1G
EMC3DXV5T1G
EMC4DXV5T1G, EMC5DXV5T1G
R1/R2
0.8
0.8
0.8
1.0
1.0
1.0
1.2
1.2
1.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - EMC4DXV5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMC4DXV5T1G ONSEMI-EMC4DXV5T1G Datasheet
96Kb / 11P
   Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 4
EMC4DXV5T1G ONSEMI-EMC4DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
More results

Similar Description - EMC4DXV5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC2NT1G ONSEMI-UMC2NT1G_11 Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC2NT1G ONSEMI-UMC2NT1G_V01 Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSTB1005DXV5T1G ONSEMI-NSTB1005DXV5T1G Datasheet
108Kb / 5P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 1
NSTB1005DXV5 ONSEMI-NSTB1005DXV5_04 Datasheet
62Kb / 6P
   Dual Common Base-Collector Bias Resistor Transistors
March, 2004 ??Rev. 0
EMC2DXV5T1 ONSEMI-EMC2DXV5T1 Datasheet
72Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2003 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
UMC2NT1G ONSEMI-UMC2NT1G Datasheet
164Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2009 ??Rev. 8
UMC2NT1 ONSEMI-UMC2NT1 Datasheet
87Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2004 ??Rev. 5
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com