Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC114EDXV6 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSBC114EDXV6
Description  Dual NPN Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC114EDXV6 Datasheet(HTML) 4 Page - ON Semiconductor

  NSBC114EDXV6 Datasheet HTML 1Page - ON Semiconductor NSBC114EDXV6 Datasheet HTML 2Page - ON Semiconductor NSBC114EDXV6 Datasheet HTML 3Page - ON Semiconductor NSBC114EDXV6 Datasheet HTML 4Page - ON Semiconductor NSBC114EDXV6 Datasheet HTML 5Page - ON Semiconductor NSBC114EDXV6 Datasheet HTML 6Page - ON Semiconductor NSBC114EDXV6 Datasheet HTML 7Page - ON Semiconductor NSBC114EDXV6 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MUN5211DW1, NSBC114EDXV6, NSBC114EDP6
www.onsemi.com
4
TYPICAL CHARACTERISTICS
MUN5211DW1, NSBC114EDXV6
Figure 2. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
10
1
0.1
40
50
Figure 3. DC Current Gain
Figure 4. Output Capacitance
1
0.1
0.01
0.001
020
40
50
IC, COLLECTOR CURRENT (mA)
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 5. Output Current vs. Input Voltage
100
10
1
0.1
0.01
0.001
012
3
4
Vin, INPUT VOLTAGE (V)
56
7
8
9
10
Figure 6. Input Voltage vs. Output Current
50
010
20
30
40
3.6
2.8
0.4
1.2
0
VR, REVERSE VOLTAGE (V)
IC/IB = 10
TA = −25°C
75°C
25°C
VCE = 10 V
TA = 75°C
−25°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
0.8
1.6
2.0
2.4
3.2
VO = 5 V
TA = 75°C
−25°C
25°C
VO = 0.2 V
TA = 75°C
−25°C
25°C


Similar Part No. - NSBC114EDXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114EDXV6 ONSEMI-NSBC114EDXV6 Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC114EDXV6T1 ONSEMI-NSBC114EDXV6T1 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
NSBC114EDXV6T1 ONSEMI-NSBC114EDXV6T1 Datasheet
130Kb / 9P
   Dual Bias Resistor Transistors
September, 2012 ??Rev. 7
NSBC114EDXV6T1G ONSEMI-NSBC114EDXV6T1G Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
NSBC114EDXV6T5 ONSEMI-NSBC114EDXV6T5 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
More results

Similar Description - NSBC114EDXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC114YDXV6T1G ONSEMI-NSBC114YDXV6T1G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5233DW1T1G ONSEMI-SMUN5233DW1T1G Datasheet
120Kb / 8P
   Dual NPN Bias Resistor Transistors
May, 2013 ??Rev. 1
NSBC123TDP6 ONSEMI-NSBC123TDP6 Datasheet
99Kb / 5P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5234DW1 ONSEMI-MUN5234DW1 Datasheet
141Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TD ONSEMI-NSBC115TD Datasheet
102Kb / 5P
   Dual NPN Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5214DW1 ONSEMI-MUN5214DW1 Datasheet
88Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2014 ??Rev. 2
MUN5236DW1 ONSEMI-MUN5236DW1 Datasheet
116Kb / 6P
   Dual NPN Bias Resistor Transistors
January, 2014 ??Rev. 1
SMUN5211DW1T1G ONSEMI-SMUN5211DW1T1G Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com