Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ45-8L-B Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RJ45-8L-B
Description  Low Profile Unfiltered Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RJ45-8L-B Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RJ45-8L-B Datasheet HTML 1Page - TE Connectivity Ltd RJ45-8L-B Datasheet HTML 2Page - TE Connectivity Ltd RJ45-8L-B Datasheet HTML 3Page - TE Connectivity Ltd RJ45-8L-B Datasheet HTML 4Page - TE Connectivity Ltd RJ45-8L-B Datasheet HTML 5Page - TE Connectivity Ltd RJ45-8L-B Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
253
Z Series
Corcom Product Guide
Z Series
Low Profile Unfiltered Modular Jacks
6
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
• Low profile
• Unfiltered
• Available unshielded or shielded with board
grounded shield or spring fingered panel
ground interface
RJ11-6Z
RJ45-8Z
RJ11-6Z3
RJ45-8Z3
RJ11-6Z4
RJ45-8Z4
Available Part Numbers
Shield 3
RJ11
Specifications
Shield 4
RJ45
Model dimensions and PC board layout on pages 255-259
Contacts:
Material:
Phosphor Bronze
Plating:
50 microinches gold
Barrier underplating:
100 microinches nickel
Resistance:
Initial:
20 m
 max.
After 500 mating cycles:
30 m
 max.
Shield Material:
Tin-plated copper alloy
Housing Material:
Black glass-filled polyester
(VALOX 457)
Dielectric Withstanding Voltage:
Line to Line and Line to Ground:
1000 VAC for
60 seconds
Printed Circuit Board Retention:
Before soldering:
1 lb. minimum
After soldering:
20 lb. minimum


Similar Part No. - RJ45-8L-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJ45-8L-B MACOM-RJ45-8L-B Datasheet
281Kb / 7P
   Inductive Filtering Modular RJ Jacks
RJ45-8L-B MACOM-RJ45-8L-B Datasheet
335Kb / 7P
   Inductive Filtering Modular RJ Jacks
logo
TE Connectivity Ltd
RJ45-8L-B TEC-RJ45-8L-B Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
RJ45-8L-B TEC-RJ45-8L-B Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ45-8L-B TEC-RJ45-8L-B Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
More results

Similar Description - RJ45-8L-B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
LCT TEC-LCT Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Tyco Electronics
RJ11-6N-B MACOM-RJ11-6N-B_11 Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
Tyco Electronics
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S Datasheet
295Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ11-6LCT1-S MACOM-RJ11-6LCT1-S_11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com