Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSRA-240D2R Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SSRA-240D2R
Description  2A Miniature, SIP Solid State Relay With Paired SCR Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRA-240D2R Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SSRA-240D2R Datasheet HTML 1Page - TE Connectivity Ltd SSRA-240D2R Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SSRA Series Solid State Relays
Dimensionsareininchesover
(millimeters)unlessotherwise
specified.
Dimensionsareshownforreference
purposes only. Specifications and
availability subject to change.
SouthAmerica:55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Revised 06-15
www.te.com
1
Ordering Information
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 2500V rms input-to-output-to-ground.
Insulation Resistance: 109 Ohms, minimum, at 500VDC.
Capacitance: 8.0 pf maximum (input to output).
Temperature Range:
Storage: –30°C to +125°C
Operating: –30°C to + 80°C
Case Material: Thermally conductive epoxy encapsulation.
Case and Mounting: Refer to outline dimension drawing.
Termination: Printed circuit terminals. Refer to outline dimension drawing.
Approximate Weight: .15 oz. (4.3g).
Features
• Miniature SIP package permits high density population of PC board.
• 2A rms inverse-parallel connected SCR output.
• 4-10 VDC input control.
• Zero voltage and random voltage turn-on versions.
• 2500V rms optical isolation.
Input Specifications
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRA-240D2
SSRA-240D2R
File E29244
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files
of the agencies/laboratories and review them to confirm the product meets the
requirements for a given application.
SSRA series
2A Miniature, SIP Solid State Relay
With Paired SCR Output
Product code structure
Typical product code
SSRA
-240
D
2
R
Basic Series
SSRA
Miniature SIP Solid State Relay
Line Voltage
240
24 - 280 VAC
Input Type & Voltage
D
4 - 10 VDC
Maximum Switching Rating / Output
2
2.0A rms
Options
Blank Zero voltage turn-on
R
Random voltage turn-on
Parameter
Conditions
Units
Zero V or Random V Turn-on Units
Control Voltage Range VIN
@ 25°C
VDC
4-10
Must Operate Voltage ViN(OP) (Min.)
@ 25°C
VDC
4
Must Release Voltage ViN(REL) (Min.)
@ 25°C
VDC
1
Input Current @ 5 VDC (Typ.)
@ 25°C
mA DC
15
Input Impedance (Nom.)
@ 25°C
ohms
300


Similar Part No. - SSRA-240D2R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRA-240D2R MACOM-SSRA-240D2R Datasheet
349Kb / 2P
   2A Miniature, SIP Solid State Relay With Paired SCR Output
More results

Similar Description - SSRA-240D2R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRA MACOM-SSRA Datasheet
349Kb / 2P
   2A Miniature, SIP Solid State Relay With Paired SCR Output
SSRC MACOM-SSRC Datasheet
372Kb / 2P
   5A SIP Solid State Relay With Paired SCR Output
logo
TE Connectivity Ltd
SSRC TEC-SSRC Datasheet
372Kb / 2P
   5A SIP Solid State Relay With Paired SCR Output
logo
Tyco Electronics
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
   Solid State Relay With Paired SCR Output
SSRF MACOM-SSRF Datasheet
367Kb / 2P
   25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
   Solid State Relay With Paired SCR Output
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Paired SCR Output
logo
TE Connectivity Ltd
SSRK TEC-SSRK Datasheet
205Kb / 2P
   10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
logo
Tyco Electronics
SSRM MACOM-SSRM Datasheet
376Kb / 2P
   45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK MACOM-SSRK Datasheet
400Kb / 2P
   10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com