Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS000SDXD Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PS000SDXD
Description  The CHAMELEON Adaptable Module for DC Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PS000SDXD Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PS000SDXD Datasheet HTML 1Page - TE Connectivity Ltd PS000SDXD Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P Series
The CHAMELEON Adaptable Module for DC Applications (continued)
Corcom Product Guide
224
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Performance Data
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
Case Styles
PE
Case Dimensions
Recommended Panel Cutouts
Part No.
A
B
C
D
E
F


  

PE
     
     
PS
    
    
 
Accessories
GA210 – (shown above) Pre-assembled connector
housing with two 36” long 18 gauge wires to mate
with P Series DC filters
MOLEX Part Numbers:
03-12-1026
DC Connector housing for P Series
18-12-1222
Female terminals (2 per connector)
Red
Black
Note: The external edges (installation side) on the "D" sides of the
cutout should have a minimum .020" radius. For optimal retention
against extraction, the corresponding inner edge should be sharp,
without paint or coatings. Edge coatings, including anodization are
also discouraged for good shield contact.
D
E
.06
1.52
R Max.
.020
.508
R Min.
External Edge
(1)
A
B
C
F
.07
1.78 min. Radius
Ground connection
PS
A
B
C



   

 

        


      

     



  

 

     


     

     


Similar Part No. - PS000SDXD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PS000SDXD MACOM-PS000SDXD Datasheet
64Kb / 2P
   The CHAMELEON Adaptable Module for General Purpose, DC Applications
PS000SDXD MACOM-PS000SDXD Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
More results

Similar Description - PS000SDXD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
PE000DD3D MACOM-PE000DD3D Datasheet
64Kb / 2P
   The CHAMELEON Adaptable Module for General Purpose, DC Applications
PSJ0XSS60 MACOM-PSJ0XSS60 Datasheet
222Kb / 8P
   The CHAMELEON Adaptable Module for General, High Performance or Medical Applications
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
   Chameleon ADU
logo
Advantech Co., Ltd.
SR305 ADVANTECH-SR305_V01 Datasheet
639Kb / 4P
   FLEXIBLE, ADAPTABLE LTE ROUTER
September 5, 2019 8:54 AM
logo
Mitsubishi Electric Sem...
M57115L-01 MITSUBISHI-M57115L-01 Datasheet
45Kb / 3P
   THE POWER SUPPLY DC-DC CONVERTER FOR IGBT MODULE GATE DRIVE
logo
Advantech Co., Ltd.
SR305 ADVANTECH-SR305 Datasheet
608Kb / 4P
   FLEXIBLE, ADAPTABLE LTE ROUTER
February 27, 2018 9:06 AM
logo
TOKO, Inc
FDSD0420 TOKO-FDSD0420 Datasheet
261Kb / 1P
   Ideal for DC-DC converter applications
FCUL0530 TOKO-FCUL0530 Datasheet
205Kb / 1P
   Ideal for DC-DC converter applications
logo
MPS Industries, Inc.
A2003 MPSIND-A2003 Datasheet
348Kb / 2P
   TRANSFORMER FOR DC/DC AUTOMOTIVE APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com