Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-150-C-1X Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # D-150-C-1X
Description  SIDE ENTRY REPAIR SLEEVE IMMERSION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D-150-C-1X Datasheet(HTML) 1 Page - TE Connectivity Ltd

  D-150-C-1X Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CUSTOMER DRAWING
TITLE:
SIDE ENTRY REPAIR SLEEVE IMMERSION
RESISTANT, 150 DEG C,
RoHS COMPLIANT C-WRAP
Unless otherwise specified dimensions are in
millimeters.[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-150-C-1X
TOLERANCES:
0.00 ± 0.02 MM
0.0 ± 0.2 MM
0 ± 0.5 MM
ANGLES: ± 0°30’
ROUGHNESS
IN MICRON
Tyco Electronics Corporation reserves
the right to amend this drawing at any
time. Users should evaluate the
suitability of the product for their
application.
REV:
C1
DATE:
March 14, 2013
PREPARED BY:
TNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-13-004675
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2013 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
ADHESIVE
OUTER SLEEVE
PRODUCT DIMENSION
CONDUCTOR
MASS
I.D. (A)
Cut Length (B)
Wire O.D. (Note*)
KG/1000 pieces
PART
DESCRIPTION
COLOR
CODE
Adhesive
± .05 (.002)
Sleeve
± .05 (.002)
Adhesive
±1 .5 (.06)
Sleeve
±1 .5 (.06)
Min
Max
Min
Max
D-150-C-11
Green
1.11 (.044)
2.29 (.090)
21.75 (.86)
19.05 (.75)
0.80 (.031)
1.10 (.043)
0.165
0.202
D-150-C-12
Red
1.68 (.066)
2.74 (.108)
21.75 (.86)
19.05 (.75)
1.10 (.043)
1.50 (.059)
0.198
0.242
D-150-C-13
Blue
2.13 (.084)
3.43 (.135)
21.75 (.86)
19.05 (.75)
1.50 (.059)
2.30 (.090)
0.261
0.319
D-150-C-14
Yellow
3.34 (.133)
4.80 (.189)
21.75 (.86)
19.05 (.75)
2.30 (.090)
2.80 (.110)
0.332
0.405
MATERIALS
1.
MELTABLE ADHESIVES: Environment resistant modified thermoplastic fluoroelastomer. Color coded
2.
OUTER SLEEVE: Heat-shrinkable, transparent, radiation cross-linked modified fluoropolymer. Color coded
APPLICATION
1. These parts are designed to provide an environment resistant to repair damaged primary wire that have a radial crack up to 360
degrees, nicks/scrapes not longer than ¼” on the insulation rated for 135
° C minimum and no damage to wire conductor. For
insulations procedures refer to RPIP 1101.
2. Install using Tyco Electronics approved convection or infrared heating tools in accordance with Tyco Electronics. When installed
with approved convection or infrared heating tools, assemblies will meet the performance requirements of TE D-6201 spec.
Infrared tools are not recommended for use with black cable jackets.
3 Temperature range: -65
° C to +180° C. Product will withstand continuous temperature of 150º C for a period of 500 hours, and
continuous temperature of 180º C for a period of 168 hours.
NOTE*: If the O.D. of wire is out of the range that is specified in Table, use the next size of C-Wrap up or down.
WIR E O D


Similar Part No. - D-150-C-1X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-150-C-11 MACOM-D-150-C-11 Datasheet
40Kb / 1P
   CUSTOMER DRAWING
D-150-C-12 MACOM-D-150-C-12 Datasheet
40Kb / 1P
   CUSTOMER DRAWING
D-150-C-13 MACOM-D-150-C-13 Datasheet
40Kb / 1P
   CUSTOMER DRAWING
D-150-C-14 MACOM-D-150-C-14 Datasheet
40Kb / 1P
   CUSTOMER DRAWING
More results

Similar Description - D-150-C-1X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-7800 MOLEX-62201-7800 Datasheet
1Mb / 5P
   BMTP Repair Fixture
11-17-11
logo
Ultralife Corporation.
UBBL10 ULTRALIFE-UBBL10 Datasheet
766Kb / 3P
   SMBus: Immersion Proof
Rev: B
logo
STI Vibration Monitorin...
CMCP780A STI-CMCP780A Datasheet
503Kb / 2P
   Compact Side Entry Accelerometer
January 2023
logo
Adam Technologies, Inc.
MTJ-88PAX1 ADAM-TECH-MTJ-88PAX1 Datasheet
139Kb / 1P
   SIDE ENTRY PHONE JACK
logo
BELIMO AIRCONTROLS (USA...
01DT-5MH BELIMO-01DT-5MH Datasheet
405Kb / 4P
   Duct / Immersion Temperature Sensor
01DT-5QH BELIMO-01DT-5QH Datasheet
405Kb / 4P
   Duct / Immersion Temperature Sensor
22DT-52H BELIMO-22DT-52H Datasheet
514Kb / 6P
   Duct / Immersion Temperature Sensor
logo
Fuji Electric
EDS7-11D FUJI-EDS7-11D Datasheet
97Kb / 4P
   IMMERSION TYPE LEVEL METER
logo
BELIMO AIRCONTROLS (USA...
01DT-5LH BELIMO-01DT-5LH Datasheet
404Kb / 4P
   Duct / Immersion Temperature Sensor
logo
3M Electronics
08275 3M-08275 Datasheet
83Kb / 4P
   3M Rigid Parts Repair
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com