Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFC042 Datasheet(PDF) 1 Page - RFHIC

Part # RFC042
Description  Mobile Radio Mini Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFC042 Datasheet(HTML) 1 Page - RFHIC

  RFC042_17 Datasheet HTML 1Page - RFHIC RFC042_17 Datasheet HTML 2Page - RFHIC RFC042_17 Datasheet HTML 3Page - RFHIC RFC042_17 Datasheet HTML 4Page - RFHIC RFC042_17 Datasheet HTML 5Page - RFHIC RFC042_17 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mobile Radio Mini Amplifier
RFC042
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 6
Version 6.1
Product Features
Applications
• GaAs MMIC
• Very Low Distortion
• Guaranteed Broadband Power Gain
• Heat Sink 99.9% Copper, Ag or Gold Plate
• Excellent Thermal Conductivity
• Single Supply Voltage @ 24V
• Low DC Power Consuption
• No External Circuit needed
• Drive Amplifier
Description
The RFC042 is specifically designed for up to 800MHz in frequency as amplifiers in BTS.
This hybrid dynamic range amplifier module operates with a single voltage supply of 24V(DC).
The RFC042 is equipped with over-voltage suppressor.
Electrical Specifications @ VCC = 24V; Tc = 45°C;ZS = ZL = 50Ω
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Operating Frequency
MHz
400
-
800
-
Small Signal Gain
dB
21
23
-
-
Gain Variation vs Frequency
dBpp
-
-
±0.5
-
Input/Output Return Loss
dB
-
-15
-10
-
IMD3
fc: 400.5MHz
dBc
54
58
-
Po = +23dBm
(1MHz Tone spacing,
CW 2-Tone)
fc: 600.5MHz
56
60
-
fc: 799.5MHz
56
60
-
ACPR
1FA
Δ 750KHz
dBm
29
-
-
Po = 23dBm Avg.
PAR 7dB.
Δ 1.98MHz
44
-
-
3FA
Δ 750KHz
29
-
-
Po = 23dBm Avg.
PAR 7dB.
Δ 1.98MHz
44
-
-
8FA
Δ 750KHz
29
-
-
Po = 20dBm Avg.
PAR 7dB.
Δ 1.98MHz
44
-
-
Noise Figure
dB
-
4.0
7.0
-
Supply Voltage
V
+24
+25
Vcc(=Vds)
Quiescent Current consumption
mA
-
400
430
-
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Input RF Power
dBm
-
-
12
-
Supply Voltage
V
-
-
28
-
Load Mismatch Value
-
3 : 1 @ all load phase
Operating Case Temperature
°C
-20
-
100
Tc
Storage Temperature
°C
-40
-
100
Tstg
Package Type : DP-27


Similar Part No. - RFC042_17

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
   Mobile Radio Mini Amplifier
More results

Similar Description - RFC042_17

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC042 RFHIC-RFC042 Datasheet
383Kb / 5P
   Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
   Mobile Radio Mini Amplifier
logo
Advanced Crystal Techno...
ACTF446B ACT-ACTF446B Datasheet
132Kb / 3P
   Mobile Radio Applications
SEPT 04
logo
National Semiconductor ...
SC11372 NSC-SC11372 Datasheet
1Mb / 28P
   MOBILE RADIO ANALOG PROCESSOR
logo
Advanced Crystal Techno...
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
   Mobile Radio - FRS & PMR
SEPT 04
logo
Maxim Integrated Produc...
MAX1007 MAXIM-MAX1007 Datasheet
110Kb / 12P
   Mobile-Radio Analog Controller
19-1180; Rev 0; 6/98
logo
ITT Industries
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
logo
Advanced Crystal Techno...
ACTF446A ACT-ACTF446A Datasheet
94Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com