Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWP03040-10 Datasheet(PDF) 2 Page - RFHIC

Part # RWP03040-10
Description  Wideband Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP03040-10 Datasheet(HTML) 2 Page - RFHIC

  RWP03040-10_17 Datasheet HTML 1Page - RFHIC RWP03040-10_17 Datasheet HTML 2Page - RFHIC RWP03040-10_17 Datasheet HTML 3Page - RFHIC RWP03040-10_17 Datasheet HTML 4Page - RFHIC RWP03040-10_17 Datasheet HTML 5Page - RFHIC RWP03040-10_17 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wideband Power Amplifier
RWP03040-10
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 2.1
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
Input RF Power
dBm
13
Supply Voltage
V
30
Load Mismatch Value
-
3 : 1 @all load phase
* Input Signal Condition : CW 1-Tone
Environmental Characteristics
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Operating Case Temperature
°C
-10
-
80
Tc
Storage Temperature
°C
-40
-
105
Tstg
Vibration
MIL-STD-810G Method 514.6 ANNEX C
VI
Ordering Information
Part Number
Package
RWP03040-10
Pallet
RWP03040-1H
Module assembled with RWP03040-10
* RWP03040-1H is a SMA connectorized housing version of RWP03040-10. Electrical parameters are all same as RWP03040-10.
For more information, please contact RFHIC
Mechanical Specifications
PARAMETER
UNIT
TYP
Dimension
Package
70(L) x 50.8(W) x 17.1(H)
Housing
90(L) x 75(W) x 25(H)
Weight
Package
g
55
Housing
250
Housing RF IN/OUT Connector
-
SMA Female
Cooling
-
External Heat-sink


Similar Part No. - RWP03040-10_17

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP03040-10 RFHIC-RWP03040-10_1 Datasheet
595Kb / 6P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results

Similar Description - RWP03040-10_17

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com