Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWP05040-10 Datasheet(PDF) 3 Page - RFHIC

Part # RWP05040-10
Description  Wideband Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP05040-10 Datasheet(HTML) 3 Page - RFHIC

  RWP05040-10_17 Datasheet HTML 1Page - RFHIC RWP05040-10_17 Datasheet HTML 2Page - RFHIC RWP05040-10_17 Datasheet HTML 3Page - RFHIC RWP05040-10_17 Datasheet HTML 4Page - RFHIC RWP05040-10_17 Datasheet HTML 5Page - RFHIC RWP05040-10_17 Datasheet HTML 6Page - RFHIC RWP05040-10_17 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Wideband Power Amplifier
RWP05040-10
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 7
Version 3.2
Typical Performance @ 25°C
Frequency
P1dB
P3dB
Current @P1dB
Current @P3dB
2nd Harm @30dBm
OIP3 (30dBm/Tone)
(MHz)
(dBm)
(dBm)
(A)
(A)
(dBc)
(dBm)
20
44.0
45.3
2.04
2.23
-34.4
53.2
100
44.2
46.2
2.07
2.44
-33.8
53.1
200
44.7
46.5
2.20
2.67
-32.6
53.1
300
44.5
46.1
2.21
2.56
-32.3
52.8
400
44.0
46.1
2.10
2.66
-31.8
52.4
500
43.1
45.1
1.90
2.25
-31.3
50.4
600
40.7
43.2
1.89
2.49
-31.9
49.2
700
40.8
44.7
1.92
2.60
-33.9
46.3
800
40.8
43.7
1.85
2.45
-35.0
45.2
900
41.5
44.2
1.95
2.54
-41.5
45.6
1000
43.2
44.3
2.63
2.53
-44.6
45.3
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
40
41
42
43
44
45
46
47
48
49
50
Frequency[MHz]
Pout & Ids @ P3dB VS Frequency
Pout
IDS
40
41
42
43
44
45
46
47
48
49
50
Frequency[MHz]
Pout @ P3dB VS Temp
TC=-10˚C
TC=45˚C
TC=80˚C
Pout @ P3dB VS Frequency


Similar Part No. - RWP05040-10_17

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP05040-10 RFHIC-RWP05040-10_1 Datasheet
442Kb / 6P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10_14 Datasheet
770Kb / 7P
   Wideband Power Amplifier
More results

Similar Description - RWP05040-10_17

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com