Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB04N03Q8-0-T3-G Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB04N03Q8-0-T3-G
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03Q8-0-T3-G Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB04N03Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C789Q8
Issued Date : 2011.12.16
Revised Date : 2015.10.05
Page No. : 5/9
MTB04N03Q8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.8
1
1.2
1.4
1.6
1.8
2
-60
-20
20
60
100
140
Tj, Junction Temperature(°C)
ID=250μA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
VDS=10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
10
2030
4050
60
Qg, Total Gate Charge(nC)
VDS=15V
ID=18A
Maximum Safe Operating Area
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100
μs
10
μs
RDS(ON)
Limit
TA=25°C, Tj(max)=150°C
VGS=10V, RθJA=50°C/W
Single Pulse
Maximum Drain Current vs Case Temperature
0
5
10
15
20
25
30
25
50
75
100
125
150
175
TC, Case Temperature(°C)
VGS=10V, Tj(max)=150°C


Similar Part No. - MTB04N03Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
317Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB04N03Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com