Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC0 Datasheet(PDF) 4 Page - Hongfa Technology

Part # XMC0
Description  Definite Purpose Contactors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

XMC0 Datasheet(HTML) 4 Page - Hongfa Technology

  XMC0 Datasheet HTML 1Page - Hongfa Technology XMC0 Datasheet HTML 2Page - Hongfa Technology XMC0 Datasheet HTML 3Page - Hongfa Technology XMC0 Datasheet HTML 4Page - Hongfa Technology XMC0 Datasheet HTML 5Page - Hongfa Technology XMC0 Datasheet HTML 6Page - Hongfa Technology XMC0 Datasheet HTML 7Page - Hongfa Technology XMC0 Datasheet HTML 8Page - Hongfa Technology XMC0 Datasheet HTML 9Page - Hongfa Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
- 4 -
Pole Characteristics
Maximum Horsepower(HP)
Full Load
Amps(FLA)
Poles
Voltage
Locked Rotor
Amps (LRA)
Resistive amps
rating (RES)
Voltage
Single
Phase
Three
Phase
Catalog
Number
25
1
240/277
480
600
150
-
-
35
240/277
2
-
XMC0-257*
XMC0-251*
32
1
240/277
480
600
180
150
120
40
240/277
2
-
XMC0-327*
XMC0-321*
40
1
240/277
480
600
240
-
-
50
240/277
3
-
XMC0-407*
XMC0-401
25
2
240/277
480
600
150
125
100
35
240/277
3
-
XMC0-252*
32
2
240/277
480
600
180
150
120
40
240/277
3
-
XMC0-322*
40
2
240/277
480
600
240
200
160
50
240/277
3
-
XMC0-402*
25
2
3
240/277
480
600
150
125
100
35
240/277
480
600
3
-
-
5
7.5
10
XMC0-253A*
XMC0-253*
32
2
3
240/277
480
600
180
150
120
40
240/277
480
600
3
-
-
7.5
10
15
XMC0-323A*
XMC0-323*
40
2
3
240/277
480
600
240
200
160
50
240/277
480
600
5
-
-
10
15
20
XMC0-403A*
XMC0-403*
50
2
3
240/277
480
600
300
250
200+
63
240/277
480
600
5
-
-
15
20
25
XMC0-503A*
XMC0-503*
63
2
3
240/277
480
600
360
300
240+
75
240/277
480
600
7.5
-
-
20
25
30
XMC0-633A*
XMC0-633*
50
2
3
240/277
480
600
300
250
200
63
240/277
480
600
5
-
-
15
20
25
XMC0-503A*Z
XMC0-503*Z
63
2
3
240/277
480
600
360
300
240
75
240/277
480
600
7.5
-
-
20
25
30
XMC0-633A*Z
XMC0-633*Z
75
2
3
240/277
480
600
450
375
300
94
240/277
480
600
15
-
-
25
40
40
XMC0-753A*
XMC0-753*
90
2
3
240/277
480
600
540
450
360
120
240/277
480
600
15
-
-
30
50
50
XMC0-903A*
XMC0-903*
Notes:
1.
All the models also could be marked or used for the actual applications which have less contact ratings than the certificated
ratings. The rating can be Voltage, FLA, LRA or RES.
2.
All the ratings have not “Break All Lines” restriction, except the rating “600VAC 50FLA/200LRA” for “XMC0-50 without Z” and
“600VAC 63FLA/240LRA” for “XMC0-63 without Z”.
3.
Contact factory representative for Cd free option.


Similar Part No. - XMC0

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
XMC0-121-DAAA0 ETC-XMC0-121-DAAA0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
XMC0-121-DAAA1 ETC-XMC0-121-DAAA1 Datasheet
253Kb / 10P
   Definite Purpose Contactors
XMC0-121-DAAA3 ETC-XMC0-121-DAAA3 Datasheet
253Kb / 10P
   Definite Purpose Contactors
More results

Similar Description - XMC0

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
   Definite Purpose Contactors
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
90-244 ETC2-90-244 Datasheet
292Kb / 2P
   2 POLE DEFINITE PURPOSE CONTACTORS
C25GNY8 ETC-C25GNY8 Datasheet
231Kb / 1P
   Definite Purpose Contactor
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
P25 TEC-P25 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com