Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE16000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPE16000
Description  Assures data availability and data integrity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPE16000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPE16000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPE16000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2012 Emulex, Inc. All rights reserved. This document refers to various companies and products by their trade names. In most,
if not all cases, their respective companies claim these designations as trademarks or registered trademarks. This information
is provided for reference only. Although this information is believed to be accurate and reliable at the time of publication, Emulex
assumes no responsibility for errors or omissions. Emulex reserves the right to make changes or corrections without notice.
This report is the property of Emulex and may not be duplicated without permission from the Company.
www.emulex.com
12-0541-revC · 2/12
World Headquarters 3333 Susan Street, Costa Mesa, CA 92626 +1 714 662 5600
Wokingham, UK +44 (0) 118 977 2929 | Munich, Germany +49 (0) 89 97007 177
Paris, France +33 (0) 158 580 022 | Beijing, China +86 10 68499547
Tokyo, Japan +81 3 5325 3261 | Bangalore, India +91 80 40156789
Emulex ConnectsServers, Storage and People
twitter.com/emulex
bit.ly/emulexlinks
bit.ly/emulexfb
friendfeed.com/emulex
Standards
General Specifications
· The host system interface of the XE201 controller
consists of an eight-lane (x8) PCI Express PCIe 2.0
bus (backward compatibility to to PCIe 1.0 supported)
Industry Standards
· Current ANSI/IETF Standards: FC-PI-4;
FC-PI-5; FC-FS-2 with amendment 1; FC-AL-2 with
amendments 1 and 2; FC-LS-2; FC-GS-6; FC-DA;
FC-SP-2; FCP-4; FC-MJS; FC-SB-4; FC-SP;
SPC-4; SBC-3; SSC-3; RFC4338
· Legacy ANSI/IETF standards: FC-PH; FC-PH-2;
FC-PH-3; FC-PI; FC-PI-2; FC-FS; FC-AL;
FC-GS-2/3/4/5; FCP; FCP-2; FC-SB-2; FC-FLA;
FC-HBA; FC-PLDA; FC-TAPE; FC-MI; SPC-3;
SBC-2; SSC-2; RFC2625
· PCIe base spec 2.0
· PCIe card electromechanical spec 2.0
· Fibre Channel class 2 and 3
· PHP hot plug-hot swap
Architecture
· Single-channel (LPe16000) or dual-channel (LPe16002)
· Supports 16GFC, 8Gb FC and 4Gb FC link speeds,
automatically negotiated
· Supports up to 2 FC ports at 16Gb FC max
(dual port model)
· Integrated data buffer and code space memory
Comprehensive OS Support
· Windows
· Linux
· VMware ESX/ESXi
Hardware Environments
· HP Proliant ML & DL G7 Server Families, DL980 G7
Optical
· Data rates: 14.025 Gb/s (1600MB/s); 8.5 Gb/s
(800MB/s); 4.25 Gb/s (400 MB/s) (auto-detected)
· Optics: Short wave lasers with LC type connector
· Cable: Operating at 16Gb
- 15m at 16Gb on 62.5/125 μm OM1 MMF
- 35m at 16Gb on 50/125 μm OM2 MMF
- 100m at 16Gb on 50/125 μm OM3 MMF
- 125m at 16Gb on 50/125 μm OM4 MMF
Physical Dimensions
· Short, low profile MD2 form factor card
· 167.64mm x 68.91mm (6.60” x 2.71”)
· Standard bracket (low profile available)
Power and Environmental Requirements
Power supply 1.8V, 1.2V, 0.9V
· Volts: +3.3, +12
· Operating temperature: 0° to 55° C (32° to 131° F)
· Storage temperature: -40° to 70° C (-40° to 158° F)
· Relative humidity: 5% to 95% non-condensing
· 23° C wet bulb
SPECIFICATIONS
LightPulse® LPe16000/LPe16002
HP SN1000E 16Gb Single Port Fibre Channel Host Bus Adapter - Part # QR558A
HP SN1000E 16Gb Dual Port Fibre Channel Host Bus Adapter - Part # QR559A
Agency and Safety Approvals
North America:
- FCC Class A
- UL/CSA Recognized
Europe:
- CE Mark
- EU RoHS compliant
- TUV Bauart Certified
Japan:
- VCCI Class A
Taiwan:
- BSMI Class A
Korea:
- MSIP (formally KCC/MIC) Class A
China:
- China RoHS Compliant
(Please refer to the product page on
www.emulex.com for further details)
HP Ordering Information
The LPe16000 and LPe16002 are available from
HP. To order, use the following HP part numbers:
· QR558A
- 1Port 16Gb Short Wave Optical – LC SFP+
· QR559A
- 2 Ports 16Gb Short Wave Optical – LC SFP+
Added Features
Performance Features
· Doubling the maximum Fibre Channel link rate
from 8Gb to 16Gb and enhanced virtualization
capabilities, help support IT “green” initiatives.
· Frame-level Multiplexing and out-of-order frame
reassembly increases link efficiency and maximizes
HBA performance.
Data Protection Features
· End-to-end data protection with hardware parity,
CRC, ECC and other advanced error checking
and correcting algorithms ensure data is safe from
corruption.
Deployment and Management Features
· Universal boot capability allows the appropriate
boot environment to be automatically selected for
any given hardware.
· Boot from SAN capability reduces system
management costs and increases uptime.
· Detailed, real-time event logging and tracing
enables quick diagnosis of SAN problems.
· Beaconing feature flashes the HBA LEDs,
simplifying their identification within server racks.
· Environmental monitoring feature helps optimize
SAN availability.
Management Features
· The Emulex AutoPilot Installer automates the HBA
installation process and significantly reduces time
to deployment and administrative costs. Automated
installation and configuration of driver and
management tools simplifies deployment of multiple
adapters within Windows environments. A single
installation of driver and management application,
eliminates multiple reboots and ensures that each
component is installed correctly and the HBA is
ready to use.
· The Emulex OneCommand™ Manager application
enables centralized discovery, monitoring, reporting,
and administration of Emulex HBAs and UCNAs
on local and remote hosts. Powerful automation
capabilities facilitate remote driver parameter,
firmware and boot code upgrades.
· Advanced diagnostic features, such as adapter port
beaconing and adapter statistics, help optimize
management and network performance, while the
environmental monitoring feature helps to maintain
optimum host-to-fabric connections. In addition
to the GUI interface, management functions can
also be performed via a scriptable Command Line
Interface (CLI) as well as a web browser. With
in-band and out-of-band management capabilities,
Emulex provides data center administrators with the
greatest level of management flexibility.
· Emulex’s management instrumentation complies to
Open Management Standards, such as SMI-S and
common HBA API support, which enables seamless
upward integration into enterprise storage and
server management solutions.


Similar Part No. - LPE16000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPE16004 ETC2-LPE16004 Datasheet
568Kb / 3P
   Provides FC connectivity for slot constrained server environments
More results

Similar Description - LPE16000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE201 ETC2-XE201 Datasheet
1Mb / 4P
   Advanced data integrity protects against silent data corruption
logo
AVAGO TECHNOLOGIES LIMI...
9380-8E AVAGO-9380-8E Datasheet
253Kb / 2P
   Shared DAS High Availability with MegaRAID Data Protection
logo
Alliance Semiconductor ...
AS6C62256A ALSC-AS6C62256A Datasheet
599Kb / 10P
   Common data inputs and data outputs
logo
ATMEL Corporation
ATTINY2313 ATMEL-ATTINY2313_14 Datasheet
3Mb / 226P
   Data and Non-volatile Program and Data Memories
logo
NXP Semiconductors
MKMXXZXXCXX5 NXP-MKMXXZXXCXX5 Datasheet
1Mb / 54P
   Security and integrity modules
Rev. 7, 01/2014
MKMXXZXXACXX5 NXP-MKMXXZXXACXX5 Datasheet
1Mb / 53P
   Security and integrity modules
Rev. 1, 09/2014
logo
ATMEL Corporation
ATMEGA161L ATMEL-ATMEGA161L_14 Datasheet
1Mb / 159P
   Program and Data Memories
logo
List of Unclassifed Man...
PP001162 ETC2-PP001162 Datasheet
164Kb / 1P
   Data and Audio Cable
logo
STMicroelectronics
SOT23 STMICROELECTRONICS-SOT23 Datasheet
16Kb / 1P
   OUTLINE AND MECHANICAL DATA
logo
List of Unclassifed Man...
PP001160 ETC2-PP001160 Datasheet
165Kb / 1P
   Data and Audio Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com