Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L016 Datasheet(PDF) 3 Page - IXYS Corporation

Part # L016
Description  High Power Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L016 Datasheet(HTML) 3 Page - IXYS Corporation

  L016 Datasheet HTML 1Page - IXYS Corporation L016 Datasheet HTML 2Page - IXYS Corporation L016 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
0
300
600
900
1200
1500
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
t
Z
thJK
s
t
10-3
10-2
10-1
100
101
102
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
K/W
Z
thJC
I
dAVM
P
tot
0
25
50
75
100
125
150
A
6xMDO500
Circuit
B6
10-3
10-2
10-1
100
101
102
0.00
0.02
0.04
0.06
0.08
0.10
0.12
DC
180°
120°
60°
30°
DC
180°
120°
60°
30°
°C
T
A
W
K/W
s
R
thKA K/W
0.01
0.02
0.03
0.045
0.06
0.08
0.12
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.072
180
°
0.0768
120
°
0.081
60
°
0.092
30
°
0.111
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.0035
0.0054
2
0.0186
0.098
3
0.0432
0.54
4
0.0067
12
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.096
180
°
0.1
120
°
0.105
60
°
0.116
30
°
0.135
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.0035
0.0054
2
0.0186
0.098
3
0.0432
0.54
4
0.0067
12
5
0.024
12
MDO 500
Fig. 6 Three phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature
Fig. 7 Transient thermal impedance
junction to case
Fig. 8 Transient thermal impedance
junction to heatsink


Similar Part No. - L016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L01-6300 ETC2-L01-6300 Datasheet
2Mb / 2P
   Input Voltage
L01-6301 ETC2-L01-6301 Datasheet
2Mb / 2P
   Input Voltage
L01-6302 ETC2-L01-6302 Datasheet
2Mb / 2P
   Input Voltage
L01-6303 ETC2-L01-6303 Datasheet
2Mb / 2P
   Input Voltage
L01-6304 ETC2-L01-6304 Datasheet
2Mb / 2P
   Input Voltage
More results

Similar Description - L016

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD310 IXYS-MDD310 Datasheet
115Kb / 3P
   High Power Diode Modules
MDD142 IXYS-MDD142 Datasheet
131Kb / 3P
   HIgh Power Diode Modules
MDD250 IXYS-MDD250 Datasheet
116Kb / 3P
   High Power Diode Modules
MDD255-12N1 IXYS-MDD255-12N1 Datasheet
62Kb / 3P
   High Power Diode Modules
MDD312 IXYS-MDD312 Datasheet
260Kb / 4P
   High Power Diode Modules
MDD172 IXYS-MDD172 Datasheet
129Kb / 3P
   High Power Diode Modules
MDD220 IXYS-MDD220 Datasheet
110Kb / 3P
   High Power Diode Modules
logo
International Rectifier
B40J IRF-B40J Datasheet
340Kb / 6P
   POWER MODULES DIODE
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250_18 Datasheet
676Kb / 4P
   Thyristor/Diode Power Modules
NKT160A NELLSEMI-NKT160A Datasheet
694Kb / 4P
   Thyristor/Diode Power Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com