Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM6164000BLR-5L Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM6164000BLR-5L
Description  256Kx16 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6164000BLR-5L Datasheet(HTML) 7 Page - Samsung semiconductor

  KM6164000BLR-5L Datasheet HTML 1Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 2Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 3Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 4Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 5Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 6Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 7Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 8Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
KM6164000B Family
CMOS SRAM
Revision 4.01
June 1998
7
TIMING WAVEFORM OF WRITE CYCLE(1) (WE Controlled)
Address
CS
Data Undefined
UB, LB
WE
Data in
Data out
TIMING WAVEFORM OF WRITE CYCLE(2) (CS Controlled)
Address
CS
Data Valid
UB, LB
WE
Data in
Data out
High-Z
High-Z
tWC
tCW(2)
tWR(4)
tAW
tBW
tWP(1)
tAS(3)
tDH
tDW
tWHZ
tOW
tWC
tCW(2)
tAW
tBW
tWP(1)
tDH
tDW
tWR(4)
High-Z
High-Z
Data Valid
tAS(3)


Similar Part No. - KM6164000BLR-5L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002E SAMSUNG-KM6164002E Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002I SAMSUNG-KM6164002I Datasheet
167Kb / 9P
   CMOS SRAM
More results

Similar Description - KM6164000BLR-5L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com