Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-BGA-5004 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CG-BGA-5004
Description  Directly mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-BGA-5004 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CG-BGA-5004 Datasheet HTML 1Page - Ironwood Electronics. CG-BGA-5004 Datasheet HTML 2Page - Ironwood Electronics. CG-BGA-5004 Datasheet HTML 3Page - Ironwood Electronics. CG-BGA-5004 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Top View
Side View
(Section AA)
30.23mm
[1.190"]
25.48mm [1.003"]
A
A
34.5mm
+ IC thickness
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: S. Natarajan
Scale: 1.33:1
Rev: B
Date: 04/02/2010
Modified: 09/17/14
File: CG-BGA-5004 Dwg.mcd
CG-BGA-5004 Drawing
1
2
3
PAGE 1 of 4
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes forces evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 8.5 mm.
Compression Screw: Clear anodized Aluminum.
Height = 25 mm, Fluted Knob
Socket Base: Black anodized Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 16.5 mm.
Socket Base Screw: Socket Head Cap Screw, alloy steel
with black oxide finish, 0-80 Thread, 5/8" long.
Backing Plate: Black anodized Aluminum.
Thickness= 4mm
Insulation Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
Customer's BGA IC
4
8
9
7
10
11
13
6
5
11
10
Customer's PCB
IC Guide: Torlon
Ball Guide: Kapton polyimide.
Elastomer Guide: Non-clad FR4.
Thickness = 0.475mm.
12
12
Elastomer: 20 micron dia gold plated brass filaments
arranged symmetrically in a silicone rubber (63.5
degree angle). Thickness = 0.5mm.
13
Latch: Black anodised Aluminum.
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - CG-BGA-5004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5002 IRONWOOD-CG-BGA-5002 Datasheet
108Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5003 IRONWOOD-CG-BGA-5003 Datasheet
82Kb / 4P
   Minimum real estate required
CG-BGA-5005 IRONWOOD-CG-BGA-5005 Datasheet
108Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5006 IRONWOOD-CG-BGA-5006 Datasheet
155Kb / 5P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-BGA-5004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com