Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-BGA-5004 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # CG-BGA-5004
Description  Directly mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-BGA-5004 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CG-BGA-5004 Datasheet HTML 1Page - Ironwood Electronics. CG-BGA-5004 Datasheet HTML 2Page - Ironwood Electronics. CG-BGA-5004 Datasheet HTML 3Page - Ironwood Electronics. CG-BGA-5004 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
A1
Ø0.15
Ø0.08
X Y
0.10 Z
X
Y
Z
0.08 Z
3
4
5
Dimensions are in millimeters.
Interpret dimensions and tolerances per
ASME Y14.5M-1994.
Dimension b is measured at the
maximum solder ball diameter, parallel
to datum plane Z.
Datum Z (seating plane) is defined
by the spherical crowns of the solder balls.
Parallelism measurement shall exclude
any effect of mark on top surface of
package.
1.
2.
DIM
MIN
MAX
A
1.2
A1
0.37
b
0.45
D
E
e
0.65 BSC
0.27
8.0 BSC
8.0 BSC
Compatible BGA Spec.
Ø b
0.65mm
0.35
Array: 11x11
Top View
Bottom View
Side View
D
E
PAGE 3 of 4
Status: Released
Drawing: S.Natarajan
Scale: 8:1
Rev: B
Date: 04/02/2010
Modified: 09/17/14
File: CG-BGA-5004 Dwg.mcd
CG-BGA-5004 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - CG-BGA-5004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5002 IRONWOOD-CG-BGA-5002 Datasheet
108Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5003 IRONWOOD-CG-BGA-5003 Datasheet
82Kb / 4P
   Minimum real estate required
CG-BGA-5005 IRONWOOD-CG-BGA-5005 Datasheet
108Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5006 IRONWOOD-CG-BGA-5006 Datasheet
155Kb / 5P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-BGA-5004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com