Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF7509A Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF7509A
Description  Advanced trench MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF7509A Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF7509A Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF7509A Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF7509A Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF7509A Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF7509A Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF7509A Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF7509A Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF7509A Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
                                
SSF7509A 
©Silikron Semiconductor CO.,LTD.
2011.06.01
Version : 2.1
page 6 of 8
www.silikron.com
 
Mechanical Data:
MinMax
MinMax
A
9.660
10.280
0.380
0.405
B
1.020
1.320
0.040
0.052
C
8.590
9.400
0.338
0.370
D1
1.140
1.400
0.045
0.055
D2
0.700
0.950
0.028
0.037
D3
E
15.090
15.390
0.594
0.606
F
1.150
1.400
0.045
0.055
G
4.300
4.700
0.169
0.185
H
2.290
2.790
0.090
0.110
I
K
1.300
1.600
0.051
0.063
a1
0.450
0.650
0.018
0.026
a2
0
0
8
0
1
0
8
0
Symbol
Dimension In Millimeters
Dimension In Inches
5.080 (TYP)
0.250 (TYP)
0.010 (TYP)
0.200 (TYP)
TO263 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF7509A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF7509A GOOD-ARK-SSF7509A Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509A GOOD-ARK-SSF7509A_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results

Similar Description - SSF7509A

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com