Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF1N90D Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1N90D
Description  Advanced MOSFET process technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1N90D Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF1N90D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1N90D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1N90D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1N90D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1N90D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF1N90D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF1N90D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
                                
SSF1N90D
©Silikron Semiconductor CO.,LTD.
2015.1.20
Version : 1.0
page 6 of 7
www.silikron.com
 
Ordering and Marking Information
Device Marking: SSF1N90D
Package (Available)
TO-252(DPAK)
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit(options)
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃@ 100% of
Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices
Tapes/Inner
Units/Inner
Inner
Units/Carton
Box
Box
Boxes/Carton
Box
Box
TO-252
2500
2
5000
7
35000
TO-252
2500
1
2500
10
25000
TO-252
800
5
4000
8
32000
Package
Type
Units/Tape


Similar Part No. - SSF1N90D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1N80D SILIKRON-SSF1N80D Datasheet
403Kb / 7P
   Main Product Characteristics
SSF1N80G5 SILIKRON-SSF1N80G5 Datasheet
364Kb / 7P
   Main Product Characteristics
More results

Similar Description - SSF1N90D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
   Advanced MOSFET process technology
SSF4031C1 SILIKRON-SSF4031C1 Datasheet
497Kb / 6P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com