Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C3216-20TI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61C3216-20TI
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C3216-20TI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61C3216-20TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C3216-20TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C3216-20TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OS-CON DATA SHEET
Test item
Test temperature
Model
Damp heat (Steady state)
(After V.P.S test)
Test humidity
Lot No.
Note:
n =20p.
V.P.S test conditions : 230deg.C×75s×2times
(V.P.S = Vapor Phase Soldering method)
Start on November 7, 2001
Executed by R. Kawachino
End on December 20, 2001
Drawn by M. Kimura
No.OS02D-DHSVP051
OS Engineering Department, OS-CON Control Department, Saga SANYO Industries Co., Ltd.
SVP series
6SVP470M
060202471
60 deg.C
90% RH
Change in capacitance (120Hz)
-40
-30
-20
-10
0
10
20
0
1000
Time[h]
Tangent of loss angle (120Hz)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
0.13
0.14
0.15
0
1000
Time[h]
ESR (100kHz)
0
10
20
30
40
50
60
70
80
90
100
0
1000
Time[h]
Leakage current (6.3V 60s)
0.01
0.1
1
10
100
1000
10000
0
1000
Time[h]


Similar Part No. - IS61C3216-20TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216-20TI ICSI-IS61C3216-20TI Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C3216-20TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216 ICSI-IS61C3216 Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216BLL ISSI-IS61WV3216BLL Datasheet
101Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com