Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1393303-7 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 4-1393303-7
Description  Plug-in or PCB terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393303-7 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  4-1393303-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393303-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393303-7 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393303-7 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
03-2014, Rev. 0314
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay F4 (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Terminal Assignment
NO
1 form A, 1 NO
NOR_2x87
1 form A, 1 NO (2x87)
with resistor
NOR_SD
1 form A, 1 NO
with resistor & serial diode
COR
1 form C, 1 CO
with resistor
COD
1 form C, 1 CO
with diode
NOR
1 form A, 1 NO
with resistor
CO
1 form C, 1 CO
NO_2x87
1 form A, 1 NO (2x87)
DNO
1 form U, 2 NO
87
30
86
85
87 87
30
86
85
87
30
86
85
87 87a
30
86
85
87 87a
30
86
85
87 87a
30
86
85
87 87
30
86
85
87 87b
30
86
85
Power Relay F4 with PCB terminals
View of the terminals (bottom view)
Mounting hole layout (bottom view)
For the make contact (2x87), pin 87a = 87;
for the double make contact, pin 87a = 87b.
TE1654-91
TE0907-B1
For the make contact (2 x pin 87),
pin 87a = 87.
For the twin make contact,
pin 87a = 87b.
*)
16.9 ±0.3
4.5 ±0.3
8.4 ±0.25
17.9 ±0.25
8.0 ±0.25
2.7 ±0.5
TE1655-H1
Dimensions
Power Relay F4 with quick connect (QC) terminals
View of the terminals (bottom view)
Measurement
reference plane
0.3
5x
TE1093-S1
For the make contact (2x87), pin 87a = 87;
for the double make contact, pin 87a = 87b.
TE1088-R1


Similar Part No. - 4-1393303-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1393303-7 MACOM-4-1393303-7 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
4-1393303-7 MACOM-4-1393303-7 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
4-1393303-7 MACOM-4-1393303-7 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
4-1393303-7 TEC-4-1393303-7 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Similar Description - 4-1393303-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM2 TEC-RM2 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
RM5 TEC-RM5 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
   6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
DB Lectro Inc
TL77-2F-10 DBLECTRO-TL77-2F-10 Datasheet
222Kb / 3P
   PCB PLUG-IN TRANSFORMER
logo
Weidmuller
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
logo
Schurter Inc.
GS21 SCHURTER-GS21 Datasheet
552Kb / 4P
   IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
05.01.2022
4850.2500 SCHURTER-4850.2500_V01 Datasheet
239Kb / 2P
   , 5-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2710 SCHURTER-4850.2710_V02 Datasheet
236Kb / 2P
   , 7-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com