Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPL1048E-125LTI Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPL1048E-125LTI
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPL1048E-125LTI Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPL1048E-125LTI Datasheet HTML 6Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 7Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 8Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 9Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 10Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 11Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 12Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 13Page - Lattice Semiconductor ISPL1048E-125LTI Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Specifications ispLSI 1048E
10
Internal Timing Parameters1
tob
1. Internal timing parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
Table 2-0037B/1048E
Outputs
UNITS
-70
MIN.
-50
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAMETER
49 Output Buffer Delay
3.2
ns
toen
51 I/O Cell OE to Output Enabled
7.9
ns
tgy0
54 Clock Delay, Y0 to Global GLB Clock Line (Ref. clock)
2.8
3.3
3.3
ns
Global Reset
2.2
6.9
Clocks
2.8
tgr
59 Global Reset to GLB and I/O Registers
7.5
ns
4.5
todis
52 I/O Cell OE to Output Disabled
7.9
ns
6.9
tgy1/2
55 Clock Delay, Y1 or Y2 to Global GLB Clock Line
2.8
3.3
3.3
ns
2.8
tgcp
56 Clock Delay, Clock GLB to Global GLB Clock Line
0.8
0.8
1.8
ns
1.8
tioy2/3
57 Clock Delay, Y2 or Y3 to I/O Cell Global Clock Line
0.1
0.0
0.7
ns
0.6
tiocp
58 Clock Delay, Clock GLB to I/O Cell Global Clock Line
0.8
0.8
1.8
ns
1.8
tgoe
53 Global OE
8.1
ns
5.1
tsl
50 Output Slew Limited Delay Adder
12.0
ns
12.0


Similar Part No. - ISPL1048E-125LTI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016 LATTICE-ISPLSI1016 Datasheet
148Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
More results

Similar Description - ISPL1048E-125LTI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com