Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA510CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P4SMA510CA
Description  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P4SMA510CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  P4SMA510CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA510CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA510CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA510CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA510CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P4SMA Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4SMA200A
P4SMA200CA
171.00
190.00
210.00
1
274.0
1.5
1
P4SMA220A
P4SMA220CA
185.00
209.00
231.00
1
328.0
1.3
1
P4SMA250A
P4SMA250CA
214.00
237.00
263.00
1
344.0
1.2
1
P4SMA300A
P4SMA300CA
256.00
285.00
315.00
1
414.0
1.0
1
P4SMA350A
P4SMA350CA
300.00
332.00
368.00
1
482.0
0.9
1
P4SMA400A
P4SMA400CA
342.00
380.00
420.00
1
548.0
0.8
1
P4SMA440A
P4SMA440CA
376.00
418.00
462.00
1
602.0
0.7
1
P4SMA480A
P4SMA480CA
408.00
456.00
504.00
1
658.0
0.6
1
P4SMA510A
P4SMA510CA
434.00
485.00
535.00
1
698.0
0.6
1
P4SMA530A
P4SMA530CA
451.00
503.50
556.50
1
725.0
0.6
1
P4SMA540A
P4SMA540CA
460.00
513.00
567.00
1
740.0
0.5
1
P4SMA550A
P4SMA550CA
468.00
522.50
577.50
1
760.0
0.5
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation - Max power dissipation
VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation
VBR
Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT)
VC
Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current)
IR
Reverse Leakage Current – Current measured at VR
VF
Forward Voltage Drop for Uni-directional
Bi-
directional
Uni-
directional


Similar Part No. - P4SMA510CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA510CA LITTELFUSE-P4SMA510CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
MDE Semiconductor, Inc.
P4SMA510CA MDE-P4SMA510CA Datasheet
123Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
P4SMA510CA LITTELFUSE-P4SMA510CA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
P4SMA510CA MERITEK-P4SMA510CA Datasheet
396Kb / 4P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
P4SMA510CA LUGUANG-P4SMA510CA Datasheet
123Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
More results

Similar Description - P4SMA510CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com