Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB220CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6SMB220CA
Description  Excellent clamping capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6SMB220CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6SMB220CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB220CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB220CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB220CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB220CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6SMB Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB200A
P6SMB200CA
171.00
190.00
210.00
1
274.0
2.2
1
P6SMB220A
P6SMB220CA
185.00
209.00
231.00
1
328.0
1.9
1
P6SMB250A
P6SMB250CA
214.00
237.00
263.00
1
344.0
1.8
1
P6SMB300A
P6SMB300CA
256.00
285.00
315.00
1
414.0
1.5
1
P6SMB350A
P6SMB350CA
300.00
332.00
368.00
1
482.0
1.3
1
P6SMB400A
P6SMB400CA
342.00
380.00
420.00
1
548.0
1.1
1
P6SMB440A
P6SMB440CA
376.00
418.00
462.00
1
602.0
1.0
1
P6SMB480A
P6SMB480CA
408.00
456.00
504.00
1
658.0
0.9
1
P6SMB510A
P6SMB510CA
434.00
485.00
535.00
1
698.0
0.9
1
P6SMB530A
P6SMB530CA
451.00
503.50
556.50
1
725.0
0.8
1
P6SMB540A
P6SMB540CA
460.00
513.00
567.00
1
740.0
0.8
1
P6SMB550A
P6SMB550CA
468.00
522.50
577.50
1
760.0
0.8
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation - Max power dissipation
VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation
VBR
Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT)
VC
Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current)
IR
Reverse Leakage Current – Current measured at VR
VF
Forward Voltage Drop for Uni-directional
Bi-directional
Uni-directional


Similar Part No. - P6SMB220CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB220CA TSC-P6SMB220CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
P6SMB220CA UMW-P6SMB220CA Datasheet
615Kb / 4P
   Low profile package
logo
Shenzhen Luguang Electr...
P6SMB220CA LUGUANG-P6SMB220CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
P6SMB220CA LUGUANG-P6SMB220CA Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
Weitron Technology
P6SMB220CA WEITRON-P6SMB220CA Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - P6SMB220CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com