Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE30CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6KE30CA
Description  Glass passivated junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6KE30CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6KE30CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6KE30CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6KE30CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6KE30CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P6KE Series
Rev. 2.0, 21-Nov.-16
WWW.SEMITECH.CN
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6KE200A
P6KE200CA
171.00
190.00
210.00
1
274.0
2.2
1
P6KE220A
P6KE220CA
185.00
209.00
231.00
1
328.0
1.9
1
P6KE250A
P6KE250CA
214.00
237.00
263.00
1
344.0
1.8
1
P6KE300A
P6KE300CA
256.00
285.00
315.00
1
414.0
1.5
1
P6KE350A
P6KE350CA
300.00
332.00
368.00
1
482.0
1.3
1
P6KE400A
P6KE400CA
342.00
380.00
420.00
1
548.0
1.1
1
P6KE440A
P6KE440CA
376.00
418.00
462.00
1
602.0
1.0
1
P6KE480A
P6KE480CA
408.00
456.00
504.00
1
658.0
0.9
1
P6KE510A
P6KE510CA
434.00
485.00
535.00
1
698.0
0.9
1
P6KE530A
P6KE530CA
451.00
503.50
556.50
1
725.0
0.8
1
P6KE540A
P6KE540CA
460.00
513.00
567.00
1
740.0
0.8
1
P6KE550A
P6KE550CA
468.00
522.50
577.50
1
760.0
0.8
1
P6KE600A
P6KE600CA
512.00
570.00
630.00
1
828.0
0.75
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
I-V Curve Characteristics
PPPM
Peak Pulse Power Dissipation - Max power dissipation
VRWM Reverse Stand-off Voltage - Maximum voltage that can be applied to TVS without operation
VBR
Breakdown Voltage – Maximum voltage that flows though the TVS at a specified current (IT)
VC
Clamping Voltage – Peak voltage measured across the TVS at a specified IPPM (peak impulse current)
IR
Reverse Leakage Current – Current measured at VR
VF
Forward Voltage Drop for Uni-directional
Bi-directional
Uni-directional


Similar Part No. - P6KE30CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE30CA PANJIT-P6KE30CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zowie Technology Corpor...
P6KE30CA ZOWIE-P6KE30CA Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
P6KE30CA DIODES-P6KE30CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
HY ELECTRONIC CORP.
P6KE30CA HY-P6KE30CA Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Yea Shin Technology Co....
P6KE30CA YEASHIN-P6KE30CA Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE30CA

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com