Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6J12CA Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMA6J12CA
Description  Glass passivated junction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMA6J12CA Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMA6J12CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J12CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J12CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J12CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J12CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMA6J Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMA6J5.0A SMA6J5.0CA
HE
TE
5.0
6.40
7.00
10
9.2
65.3
800
SMA6J6.0A SMA6J6.0CA
HG
TG
6.0
6.67
7.37
10
10.3
58.3
800
SMA6J6.5A SMA6J6.5CA
HK
TK
6.5
7.22
7.98
10
11.2
53.6
500
SMA6J7.0A SMA6J7.0CA
HM
TM
7.0
7.78
8.60
10
12.0
50.0
200
SMA6J7.5A SMA6J7.5CA
HP
TP
7.5
8.33
9.21
1
12.9
46.6
100
SMA6J8.0A SMA6J8.0CA
HR
TR
8.0
8.89
9.83
1
13.6
44.2
50
SMA6J8.5A SMA6J8.5CA
HT
TT
8.5
9.44
10.40
1
14.4
41.7
20
SMA6J9.0A SMA6J9.0CA
HV
TV
9.0
10.00
11.10
1
15.4
39.0
10
SMA6J10A
SMA6J10CA
HX
TX
10.0
11.10
12.30
1
17.0
35.3
5
SMA6J11A
SMA6J11CA
HZ
TZ
11.0
12.20
13.50
1
18.2
33.0
1
SMA6J12A
SMA6J12CA
IE
UE
12.0
13.30
14.70
1
19.9
30.2
1
SMA6J13A
SMA6J13CA
IG
UG
13.0
14.40
15.90
1
21.5
27.9
1
SMA6J14A
SMA6J14CA
IK
UK
14.0
15.60
17.20
1
23.2
25.9
1
SMA6J15A
SMA6J15CA
IM
UM
15.0
16.70
18.50
1
24.4
24.6
1
SMA6J16A
SMA6J16CA
IP
UP
16.0
17.80
19.70
1
26.0
23.1
1
SMA6J17A
SMA6J17CA
IR
UR
17.0
18.90
20.90
1
27.6
21.8
1
SMA6J18A
SMA6J18CA
IT
UT
18.0
20.00
22.10
1
29.2
20.6
1
SMA6J20A
SMA6J20CA
IV
UV
20.0
22.20
24.50
1
32.4
18.6
1
SMA6J22A
SMA6J22CA
IX
UX
22.0
24.40
26.90
1
35.5
16.9
1
SMA6J24A
SMA6J24CA
IZ
UZ
24.0
26.70
29.50
1
38.9
15.5
1
SMA6J26A
SMA6J26CA
JE
VE
26.0
28.90
31.90
1
42.1
14.3
1
SMA6J28A
SMA6J28CA
JG
VG
28.0
31.10
34.40
1
45.4
13.3
1
SMA6J30A
SMA6J30CA
JK
VK
30.0
33.30
36.80
1
48.4
12.4
1
SMA6J33A
SMA6J33CA
JM
VM
33.0
36.70
40.60
1
53.3
11.3
1
SMA6J36A
SMA6J36CA
JP
VP
36.0
40.00
44.20
1
58.1
10.4
1
SMA6J40A
SMA6J40CA
JR
VR
40.0
44.40
49.10
1
64.5
9.3
1
SMA6J43A
SMA6J43CA
JT
VT
43.0
47.80
52.80
1
69.4
8.7
1
SMA6J45A
SMA6J45CA
JV
VV
45.0
50.00
55.30
1
72.7
8.3
1
SMA6J48A
SMA6J48CA
JX
VX
48.0
53.30
58,90
1
77.4
7.8
1
SMA6J51A
SMA6J51CA
JZ
VZ
51.0
56.70
62.70
1
82.4
7.3
1
SMA6J54A
SMA6J54CA
RE
WE
54.0
60.00
66.30
1
87.1
6.9
1
SMA6J58A
SMA6J58CA
RG
WG
58.0
64.40
71.20
1
93.6
6.5
1
SMA6J60A
SMA6J60CA
RK
WK
60.0
66.70
73.70
1
96.8
6.2
1
SMA6J64A
SMA6J64CA
RM
WM
64.0
71.10
78.60
1
103.0
5.9
1
SMA6J70A
SMA6J70CA
RP
WP
70.0
77.80
86.00
1
113.0
5.3
1
SMA6J75A
SMA6J75CA
RR
WR
75.0
83.30
92.10
1
121.0
5.0
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - SMA6J12CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA6J12CA SECOS-SMA6J12CA Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J12CA SECOS-SMA6J12CA Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Anova Technologies CO.,...
SMA6J12CA ANOVA-SMA6J12CA Datasheet
274Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMA6J12CA LUGUANG-SMA6J12CA Datasheet
818Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
FutureWafer Tech Co.,Lt...
SMA6J12CA FUTUREWAFER-SMA6J12CA Datasheet
1Mb / 11P
   600W Transient Voltage Suppression Diodes
14-JUL-2021 V 2.1
More results

Similar Description - SMA6J12CA

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com