Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N-P-5DV(40) Datasheet(PDF) 10 Page - Hirose Electric

Part # N-P-5DV(40)
Description  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N-P-5DV(40) Datasheet(HTML) 10 Page - Hirose Electric

Back Button N-P-5DV(40) Datasheet HTML 4Page - Hirose Electric N-P-5DV(40) Datasheet HTML 5Page - Hirose Electric N-P-5DV(40) Datasheet HTML 6Page - Hirose Electric N-P-5DV(40) Datasheet HTML 7Page - Hirose Electric N-P-5DV(40) Datasheet HTML 8Page - Hirose Electric N-P-5DV(40) Datasheet HTML 9Page - Hirose Electric N-P-5DV(40) Datasheet HTML 10Page - Hirose Electric N-P-5DV(40) Datasheet HTML 11Page - Hirose Electric N-P-5DV(40) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
N Series
N type Coaxial Connectors
DC~13
1
77
■Fixed Attenuators(plug-jack)
BTypical data
●Non-reflective Terminations
●Fixed Attenuator
Part No.
Attenuation(dB)
V.S.W.R.(Max)
Power
(W)
Weight
(g)
Packaging
AT-401(40)
AT-402(40)
AT-403(40)
AT-406(40)
AT-410(40)
AT-420(40)
HRS No.
354-0081-9 40
354-0082-1 40
354-0033-6 40
354-0034-9 40
354-0035-1 40
354-0036-4 40
DC~2GHz 2~4GHz 4~13GHz
DC~2GHz 2~4GHz 4~13GHz
Frequency range
(GHz)
1.15
1.20
1.25
1±0.3
2±0.3
3±0.3
6±0.3
10±0.5
20±0.5
01 +0.5
−0.3
01 +0.6
−0.3
02 +0.5
−0.3
02 +0.6
−0.3
03 +0.5
−0.3
03 +0.7
−0.3
06 +0.5
−0.3
06 +0.7
−0.3
10 +0.8
−0.5
10 +1.0
−0.5
20 +0.8
−0.5
20 +1.2
−0.7
2
5/8-24NEF-2A
52
I
0.0I
I.20
[dB]
[GHz]
I.I5
V. S. W. R.
I.I0
I.00
234567
8
N-TMP-1-1(50)
1.0
1.1
1.2
1.3
02
4
6
8
10
12
FREQUENCY[GHz]
0
4
6
8
10
12
13
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
2
FREQUENCY[GHz]
-4.0
-3.5
-3.0
-2.5
02468
10
12
13
FREQUENCY[GHz]
-11.5
-11.0
-10.5
-10.0
-9.5
-9.0
0
2
4
6
8
10
12
13
FREQUENCY[GHz]
AT-403(40)
AT-403(40)
AT-410(40)
AT-406(40)


Similar Part No. - N-P-5DV(40)

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
N-P-5DFB-1-CF DDK-N-P-5DFB-1-CF Datasheet
321Kb / 12P
   N Style Coaxial Connector
More results

Similar Description - N-P-5DV(40)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com