Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT08 Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SOT08
Description  Unidirectional Transil functions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SOT08 Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SOT08 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SOT08 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SOT08 Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SOT08 Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SOTXX
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
2.
Electrical Parameter
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPPM
Peak pulse current
Electrical Characteristics
Part
Numbers
Marking
Rated
Stand-off
Voltage
Maximum
Leakage
Current
Minimum
Breakdown
Voltage
Maximum
Clamping
Voltage
Maximum
Pulse Peak
Current
Maximum
Capacitance
@ VRM
1mA
1A
1)
5A
1)
tp=8/20us
0v, 1MHz
VRM
IRM
VBR
VCL
IPPM
C
V
µA
V
V
V
A
pF
SOT04
04
4.0
20.0
5.0
8.5
10.5
17
300
SOT05
05
5.0
20.0
6.0
9.8
12.5
17
220
SOT08
08
8.0
5.0
8.5
13.4
15.0
15
190
SOT12
12
12.0
1.0
13.3
19.0
28.0
12
150
SOT15
15
15.0
1.0
16.7
24.0
35.0
10
140
SOT24
24
24.0
1.0
26.7
43.0
60.0
5
83
SOT36
36
36.0
1.0
40
60.0
75.0
2
80
1).8/20 waveform used. (see fig2.)
Typical Characteristics
Fig1. Peak Pulse Power
VS Pulse Time


Similar Part No. - SOT08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Shanghai Semitech Semic...
SOT05C SEMITECH-SOT05C Datasheet
211Kb / 4P
   2 Unidirectional Transil functions
logo
Unisonic Technologies
SOT05CG-AE3-R UTC-SOT05CG-AE3-R Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
SOT05CL-AE3-R UTC-SOT05CL-AE3-R Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - SOT08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXSCXY STMICROELECTRONICS-ESDAXXSCXY Datasheet
447Kb / 15P
   4 unidirectional Transil functions
October 2015 Rev 1
logo
Shanghai Semitech Semic...
SOT05C SEMITECH-SOT05C Datasheet
211Kb / 4P
   2 Unidirectional Transil functions
ESDAXXL SEMITECH-ESDAXXL Datasheet
213Kb / 4P
   2 Unidirectional Transil functions
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com